Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4299A Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV4299A
Description  150 mA Low-Dropout Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4299A Datasheet(HTML) 1 Page - ON Semiconductor

  NCV4299A Datasheet HTML 1Page - ON Semiconductor NCV4299A Datasheet HTML 2Page - ON Semiconductor NCV4299A Datasheet HTML 3Page - ON Semiconductor NCV4299A Datasheet HTML 4Page - ON Semiconductor NCV4299A Datasheet HTML 5Page - ON Semiconductor NCV4299A Datasheet HTML 6Page - ON Semiconductor NCV4299A Datasheet HTML 7Page - ON Semiconductor NCV4299A Datasheet HTML 8Page - ON Semiconductor NCV4299A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2013
December, 2013 − Rev. 3
1
Publication Order Number:
NCV4299A/D
NCV4299A
150 mA Low-Dropout
Voltage Regulator
The NCV4299A is a family of precision micropower voltage
regulators with an output current capability of 150 mA. It is available in
5.0 V or 3.3 V output voltage.
The output voltage is accurate within
"2% with a maximum
dropout voltage of 0.5 V at 100 mA. Low Quiescent current is a
feature drawing only 65
mA with a 100 mA load. This part is ideal for
any and all battery operated microprocessor equipment.
The device features microprocessor interfaces including an
adjustable reset output and adjustable system monitor to provide
shutdown early warning. An inhibit function is available. With inhibit
active, the regulator turns off and the device consumes less than
1.0
mA of quiescent current.
The part can withstand load dump transients making it suitable for
use in automotive environments.
Features
5.0 V, 3.3 V ±2%, 150 mA
Extremely Low Current Consumption
65
mA (Typ) in the ON Mode
t1.0 mA in the Off Mode
Early Warning
Reset Output Low Down to VQ = 1.0 V
Adjustable Reset Threshold
Wide Temperature Range
Fault Protection
60 V Peak Transient Voltage
−40 V Reverse Voltage
Short Circuit
Thermal Overload
Internally Fused Leads
Inhibit Function with mA Current Consumption in the Off Mode
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
SO−14
D SUFFIX
CASE 751A
PIN CONNECTIONS
SO
RO
Q
INH
GND
GND
GND
GND
114
GND
GND
I
D
SI
RADJ
MARKING
DIAGRAM
xx
= 33 (3.3 V Version)
= 50 (5.0 V Version)
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
http://onsemi.com
1
14
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
V4299AxxG
AWLYWW
1
14
(Note: Microdot may be in either location)
1
14
TSSOP−14 EP
PA SUFFIX
CASE 948AW
V429
9Axx
ALYWG
G
1
14
SO
RO
NC
NC
NC
INH
Q
GND
114
NC
D
I
NC
SI
RADJ
EPAD
TSSOP−14 EP
SOIC−14


Similar Part No. - NCV4299A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4299 ONSEMI-NCV4299 Datasheet
165Kb / 23P
   150 mA Low?묭ropout Voltage Regulator
April, 2006 ??Rev. 16
NCV4299 ONSEMI-NCV4299 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCV4299CD133R2G ONSEMI-NCV4299CD133R2G Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCV4299CD150R2G ONSEMI-NCV4299CD150R2G Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
More results

Similar Description - NCV4299A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCV4266 ONSEMI-NCV4266 Datasheet
122Kb / 11P
   150 mA Low-Dropout Voltage Regulator with Enable
June, 2012 ??Rev. 2
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com