Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4299A Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV4299A
Description  150 mA Low-Dropout Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4299A Datasheet(HTML) 2 Page - ON Semiconductor

  NCV4299A Datasheet HTML 1Page - ON Semiconductor NCV4299A Datasheet HTML 2Page - ON Semiconductor NCV4299A Datasheet HTML 3Page - ON Semiconductor NCV4299A Datasheet HTML 4Page - ON Semiconductor NCV4299A Datasheet HTML 5Page - ON Semiconductor NCV4299A Datasheet HTML 6Page - ON Semiconductor NCV4299A Datasheet HTML 7Page - ON Semiconductor NCV4299A Datasheet HTML 8Page - ON Semiconductor NCV4299A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NCV4299A
http://onsemi.com
2
Figure 1. Simplified Block Diagram
I
Bandgap
Reference
INH
+
-
+
1.36 V
SI
RADJ
+
-
+
Current Limit and
Saturation Sense
+
-
1.85 V
8 mA
RO
SO
D
GND
Q
RRO
RSO
PIN FUNCTION DESCRIPTION
Pin No.
SOIC−14
Pin No.
TSSOP−14
Symbol
Description
1
1
RADJ
Reset Adjust. Use resistor divider to Q to adjust reset threshold lower. Connect to GND if not used.
2
3
D
Reset Delay. Connect external capacitor to ground to set delay time.
3
4
GND
Ground
4
GND
Ground
5
GND
Ground
6
5
INH
Inhibit. Connect to I if not needed. A high turns the regulator on. Use a low pass filter if transients
with slew rate in excess of 10 V/ms may be present on this pin during operation. See Figure 33 for
details.
7
7
RO
Reset Output. NPN collector output with internal 20 kW pullup to Q. Notifies user of out of regulation
condition.
8
8
SO
Sense Output. NPN collector output with internal 20 kW pullup to Q. Can be used to provide early
warning of an impending reset condition.
9
11
Q
5.0 V, 3.3 V, "2%, 150 mA output. Use 22 mF, ESR t 8.0 W to ground.
10
GND
Ground
11
GND
Ground
12
GND
Ground
13
13
I
Input. Battery Supply Input Voltage.
14
14
SI
Sense Input. Can provide an early warning signal of an impending reset condition when used with
SO.
2,6,9,10,12
NC
Not Connected
EPAD
EPAD
Connect to Ground potential or leave unconnected.


Similar Part No. - NCV4299A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4299 ONSEMI-NCV4299 Datasheet
165Kb / 23P
   150 mA Low?묭ropout Voltage Regulator
April, 2006 ??Rev. 16
NCV4299 ONSEMI-NCV4299 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCV4299CD133R2G ONSEMI-NCV4299CD133R2G Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCV4299CD150R2G ONSEMI-NCV4299CD150R2G Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
More results

Similar Description - NCV4299A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCV4266 ONSEMI-NCV4266 Datasheet
122Kb / 11P
   150 mA Low-Dropout Voltage Regulator with Enable
June, 2012 ??Rev. 2
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com