Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4274DS50R4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV4274DS50R4G
Description  400 mA 2% and 4%Voltage Regulator Family
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4274DS50R4G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV4274DS50R4G Datasheet HTML 1Page - ON Semiconductor NCV4274DS50R4G Datasheet HTML 2Page - ON Semiconductor NCV4274DS50R4G Datasheet HTML 3Page - ON Semiconductor NCV4274DS50R4G Datasheet HTML 4Page - ON Semiconductor NCV4274DS50R4G Datasheet HTML 5Page - ON Semiconductor NCV4274DS50R4G Datasheet HTML 6Page - ON Semiconductor NCV4274DS50R4G Datasheet HTML 7Page - ON Semiconductor NCV4274DS50R4G Datasheet HTML 8Page - ON Semiconductor NCV4274DS50R4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NCV4274, NCV4274A
http://onsemi.com
3
OPERATING RANGE
Parameter
Symbol
Condition
Min
Max
Unit
Input Voltage (8.5 V Version)
VI
9.0
40
V
Input Voltage (5.0 V Version)
VI
5.5
40
V
Input Voltage (3.3 V, and 2.5 V Version)
VI
4.5
40
V
Junction Temperature
TJ
−40
150
°C
THERMAL RESISTANCE
Parameter
Symbol
Condition
Min
Max
Unit
Junction−to−Ambient
DPAK
Rthja
70
(Note 4)
°C/W
Junction−to−Ambient
D2PAK
Rthja
60
(Note 4)
°C/W
Junction−to−Case
DPAK
Rthjc
4
°C/W
Junction−to−Case
D2PAK
Rthjc
3
°C/W
Junction−to−Tab
SOT−223
Y−JLX,
YLX
14.5
(Note 5)
°C/W
Junction−to−Ambient
SOT−223
RqJA, qJA
169.7
(Note 5)
°C/W
4. Soldered in, minimal footprint, FR4
5. 1 oz copper, 5 mm2 copper area, FR4
LEAD FREE SOLDERING TEMPERATURE AND MSL
Parameter
Symbol
Condition
Min
Max
Unit
Lead Free Soldering, (Note 6)
Reflow (SMD styles only),
Pb−Free
Tsld
60s − 150s Above 217s
40s Max at Peak
265 pk
°C
Moisture Sensitivity Level
MSL
DPAK and D2PAK
SOT−223
1
3
6. Per IPC/JEDEC J−STD−020C


Similar Part No. - NCV4274DS50R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274DS50R4G ONSEMI-NCV4274DS50R4G Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4274DS50R4G ONSEMI-NCV4274DS50R4G Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
More results

Similar Description - NCV4274DS50R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274 ONSEMI-NCV4274_07 Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
NCV4274 ONSEMI-NCV4274 Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com