Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4274ST33T3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV4274ST33T3G
Description  400 mA 2% and 4%Voltage Regulator Family
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4274ST33T3G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV4274ST33T3G Datasheet HTML 1Page - ON Semiconductor NCV4274ST33T3G Datasheet HTML 2Page - ON Semiconductor NCV4274ST33T3G Datasheet HTML 3Page - ON Semiconductor NCV4274ST33T3G Datasheet HTML 4Page - ON Semiconductor NCV4274ST33T3G Datasheet HTML 5Page - ON Semiconductor NCV4274ST33T3G Datasheet HTML 6Page - ON Semiconductor NCV4274ST33T3G Datasheet HTML 7Page - ON Semiconductor NCV4274ST33T3G Datasheet HTML 8Page - ON Semiconductor NCV4274ST33T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCV4274, NCV4274A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
−40°C < TJ < 150°C; VI = 13.5 V unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
NCV4274A
NCV4274
REGULATOR
Output Voltage (8.5 V Version)
VQ
5 mA < IQ < 200 mA
9.5 V < VI < 40 V
8.33
8.5
8.67
V
Output Voltage (8.5 V Version)
VQ
5 mA < IQ < 400 mA
9.5 V < VI < 28 V
8.33
8.5
8.67
V
Output Voltage (5.0 V Version)
VQ
5 mA < IQ < 400 mA
6 V < VI < 28 V
4.9
5.0
5.1
4.8
5.0
5.2
V
Output Voltage (5.0 V Version)
VQ
5 mA < IQ < 200 mA
6 V < VI < 40 V
4.9
5.0
5.1
4.8
5.0
5.2
V
Output Voltage (3.3 V Version)
VQ
5 mA < IQ < 400 mA
4.5 V < VI < 28 V
3.23
3.3
3.37
3.17
3.3
3.43
V
Output Voltage (3.3 V Version)
VQ
5 mA < IQ < 200 mA
4.5 V < VI < 40 V
3.23
3.3
3.37
3.17
3.3
3.43
V
Output Voltage (2.5 V Version)
VQ
5 mA < IQ < 400 mA
4.5 V < VI < 28 V
2.45
2.5
2.55
2.4
2.5
2.6
V
Output Voltage (2.5 V Version)
VQ
5 mA < IQ < 200 mA
4.5 V < VI < 40 V
2.45
2.5
2.55
2.4
2.5
2.6
V
Current Limit
IQ
400
600
400
600
mA
Quiescent Current
Iq
IQ = 1 mA
VQ = 8.5 V
VQ = 5.0 V
VQ = 3.3 V
VQ = 2.5 V
IQ = 250 mA
VQ = 8.5 V
VQ = 5.0 V
VQ = 3.3 V
VQ = 2.5 V
IQ = 400 mA
VQ = 8.5 V
VQ = 5.0 V
VQ = 3.3 V
VQ = 2.5 V
195
190
145
140
10
10
13
12
20
20
30
28
250
250
250
250
15
15
20
20
35
35
45
45
190
145
140
10
13
12
20
30
28
250
250
250
15
20
20
35
45
45
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Dropout Voltage
8.5 V Version
5.0 V Version
3.3 V Version
2.5 V Version
VDR
IQ = 250 mA,
VDR = VI − VQ
VI = 8.5 V
VI = 5.0 V
VI = 4.5 V
VI = 4.5 V
250
250
500
500
1.27
2.05
250
500
1.33
2.1
mV
mV
V
V
Load Regulation
DVQ
IQ = 5 mA to 400 mA
7
20
7
30
mV
Line Regulation
DVQ
DVI = 12 V to 32 V
IQ = 5 mA
10
25
10
25
mV
Power Supply Ripple Rejection
PSRR
ƒr = 100 Hz,
Vr = 0.5 VPP
60
60
dB
Temperature output voltage drift
DVQ/DT
0.5
0.5
mV/K
Thermal Shutdown Temperature*
TSD
IQ = 5 mA
165
210
165
210
°C
*Guaranteed by design, not tested in production


Similar Part No. - NCV4274ST33T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274ST33T3G ONSEMI-NCV4274ST33T3G Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4274ST33T3G ONSEMI-NCV4274ST33T3G Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
More results

Similar Description - NCV4274ST33T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274 ONSEMI-NCV4274_07 Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
NCV4274 ONSEMI-NCV4274 Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com