Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1G66GW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NX3L1G66GW
Description  Low-ohmic single-pole single-throw analog switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L1G66GW Datasheet(HTML) 1 Page - NXP Semiconductors

  NX3L1G66GW Datasheet HTML 1Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 2Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 3Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 4Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 5Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 6Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 7Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 8Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The NX3L1G66 is a low-ohmic single-pole single-throw analog switch. It has two
input/output terminals (Y and Z) and an active HIGH enable input pin (E). When E is LOW,
the analog switch is turned off.
Schmitt trigger action at the enable input (E) makes the circuit tolerant to slower input rise
and fall times. The NX3L1G66 allows signals with amplitude up to VCC to be transmitted
from Y to Z; or from Z to Y. Its low ON resistance (0.5
) and flatness (0.13 ) ensures
minimal attenuation and distortion of transmitted signals.
2.
Features and benefits
Wide supply voltage range from 1.4 V to 4.3 V
Very low ON resistance (peak):
1.6
 (typical) at V
CC =1.4 V
1.0
 (typical) at V
CC =1.65V
0.55
 (typical) at V
CC =2.3 V
0.50
 (typical) at V
CC =2.7 V
0.50
 (typical) at V
CC =4.3 V
High noise immunity
ESD protection:
HBM JESD22-A114F Class 3A exceeds 7500 V
MM JESD22-A115-A exceeds 200 V
CDM AEC-Q100-011 revision B exceeds 1000 V
IEC61000-4-2 contact discharge exceeds 4000 V for switch ports
CMOS low-power consumption
Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
Direct interface with TTL levels at 3.0 V
Control input accepts voltages above supply voltage
High current handling capability (350 mA continuous current under 3.3 V supply)
Specified from
40 C to +85 C and from 40 C to +125 C
3.
Applications
Cell phone
PDA
Portable media player
NX3L1G66
Low-ohmic single-pole single-throw analog switch
Rev. 8 — 9 November 2011
Product data sheet


Similar Part No. - NX3L1G66GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1G66GW NXP-NX3L1G66GW Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
More results

Similar Description - NX3L1G66GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
NX3L1G66 NXP-NX3L1G66 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
NX3L1G384 NXP-NX3L1G384 Datasheet
148Kb / 17P
   Low-ohmic single-pole single-throw analog switch
Rev. 03-17 August 2009
NX3L1G66 PHILIPS-NX3L1G66_15 Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1T384 PHILIPS-NX3L1T384_15 Datasheet
174Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 3-9 November 2011
NX3L1T384 NXP-NX3L1T384 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-29 September 2009
NX3V1G66 NXP-NX3V1G66_10 Datasheet
441Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3L1T66 NXP-NX3L1T66 Datasheet
144Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-14 September 2009
NX3V1G384GW-125 PHILIPS-NX3V1G384GW-125 Datasheet
171Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 6-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com