Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3008NBKT-115 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NX3008NBKT-115
Description  30 V, 350 mA N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3008NBKT-115 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NX3008NBKT-115 Datasheet HTML 6Page - NXP Semiconductors NX3008NBKT-115 Datasheet HTML 7Page - NXP Semiconductors NX3008NBKT-115 Datasheet HTML 8Page - NXP Semiconductors NX3008NBKT-115 Datasheet HTML 9Page - NXP Semiconductors NX3008NBKT-115 Datasheet HTML 10Page - NXP Semiconductors NX3008NBKT-115 Datasheet HTML 11Page - NXP Semiconductors NX3008NBKT-115 Datasheet HTML 12Page - NXP Semiconductors NX3008NBKT-115 Datasheet HTML 13Page - NXP Semiconductors NX3008NBKT-115 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NX3008NBKT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 1 August 2011
10 of 16
NXP Semiconductors
NX3008NBKT
30 V, 350 mA N-channel Trench MOSFET
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
Fig 17. Duty cycle definition
t1
t2
P
t
006aaa812
duty cycle
δ =
t1
t2


Similar Part No. - NX3008NBKT-115

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX3008NBKT NEXPERIA-NX3008NBKT Datasheet
1Mb / 17P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1 - 1 August 2011
More results

Similar Description - NX3008NBKT-115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008NBKW PHILIPS-NX3008NBKW_15 Datasheet
879Kb / 16P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1-2 August 2011
logo
Nexperia B.V. All right...
NX3008NBKT NEXPERIA-NX3008NBKT Datasheet
1Mb / 17P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1 - 1 August 2011
NX3008NBKW NEXPERIA-NX3008NBKW Datasheet
1Mb / 16P
   30 V, 350 mA N-channel Trench MOSFET
logo
NXP Semiconductors
NX3008NBKS NXP-NX3008NBKS Datasheet
902Kb / 17P
   30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008NBKS PHILIPS-NX3008NBKS_15 Datasheet
902Kb / 17P
   30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008NBKS NEXPERIA-NX3008NBKS Datasheet
277Kb / 15P
   30 V, 350 mA dual N-channel Trench MOSFET
5 November 2022
logo
NXP Semiconductors
NX3008CBKS PHILIPS-NX3008CBKS_15 Datasheet
1Mb / 21P
   30 / 30 V, 350 / 200 mA N/P-channel Trench MOSFET
Rev. 1-29 July 2011
logo
Nexperia B.V. All right...
NX3008CBKS NEXPERIA-NX3008CBKS Datasheet
2Mb / 21P
   30 / 30 V, 350 / 200 mA N/P-channel Trench MOSFET
logo
NXP Semiconductors
2N7002BK NXP-2N7002BK Datasheet
176Kb / 16P
   60 V, 350 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
2N7002PV NXP-2N7002PV Datasheet
168Kb / 16P
   60 V, 350 mA N-channel Trench MOSFET
Rev. 1-5 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com