Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

862-RF423.75M-B Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 862-RF423.75M-B
Description  CDMA 450 D-Band, Balanced RF/Rx SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

862-RF423.75M-B Datasheet(HTML) 1 Page - Oscilent Corporation

  862-RF423.75M-B Datasheet HTML 1Page - Oscilent Corporation 862-RF423.75M-B Datasheet HTML 2Page - Oscilent Corporation 862-RF423.75M-B Datasheet HTML 3Page - Oscilent Corporation 862-RF423.75M-B Datasheet HTML 4Page - Oscilent Corporation 862-RF423.75M-B Datasheet HTML 5Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2010
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
862-RF423.75M-B
CDMA 450 D-Band, Balanced RF/Rx SAW Filter
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Performance
o
VSWR
o
Smith Chart
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 862-RF423.75M-B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
862-RF423.75M-B OSCILENT-862-RF423.75M-B_14 Datasheet
140Kb / 5P
   CDMA 450 D-Band, Balanced RF/Rx SAW Filter
More results

Similar Description - 862-RF423.75M-B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA423BM3 TRANSKO-TA423BM3 Datasheet
352Kb / 4P
   CDMA 450 D-Band, Balanced RF-Rx SAW Filter
Revision 0: July 2008
logo
Oscilent Corporation
862-RF423.75M-B OSCILENT-862-RF423.75M-B_14 Datasheet
140Kb / 5P
   CDMA 450 D-Band, Balanced RF/Rx SAW Filter
logo
Transko Electronics, In...
TA423BM1 TRANSKO-TA423BM1 Datasheet
354Kb / 4P
   CDMA 450 D-Band, Balanced RF-Rx SAW Filter
Revision 0: December 2005
TA491BM1 TRANSKO-TA491BM1 Datasheet
438Kb / 4P
   CDMA 450 F-Band, Balanced RF-Rx SAW Filter
Revision 0: December 2005
logo
Oscilent Corporation
862-RF491.2M-B OSCILENT-862-RF491.2M-B_14 Datasheet
140Kb / 5P
   CDMA 450 F-Band, Balanced RF/Rx SAW Filter
logo
Transko Electronics, In...
TA462DM1 TRANSKO-TA462DM1 Datasheet
308Kb / 4P
   CDMA 450 C-Band, Balanced RF-Rx SAW Filter
Revision 0: April 2005
TA422CM1 TRANSKO-TA422CM1 Datasheet
354Kb / 4P
   CDMA 450 L-Band, Balanced RF-Rx SAW Filter
Revision 0: November 2006
TA463BM1 TRANSKO-TA463BM1 Datasheet
440Kb / 4P
   CDMA 450 H-Band, Balanced RF-Rx SAW Filter
Revision 0: December 2005
TA465FM1 TRANSKO-TA465FM1 Datasheet
490Kb / 4P
   CDMA 450 A-Band, Balanced RF-Rx SAW Filter
Revision 1: July 2013
logo
Oscilent Corporation
862-RF422.75M-C OSCILENT-862-RF422.75M-C Datasheet
138Kb / 5P
   CDMA 450 L-Band, Balanced RF/Rx SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com