Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

872-RF455.0M-C Datasheet(PDF) 5 Page - Oscilent Corporation

Part # 872-RF455.0M-C
Description  CDMA 450 A-Band, RF/Tx SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

872-RF455.0M-C Datasheet(HTML) 5 Page - Oscilent Corporation

  872-RF455.0M-C Datasheet HTML 1Page - Oscilent Corporation 872-RF455.0M-C Datasheet HTML 2Page - Oscilent Corporation 872-RF455.0M-C Datasheet HTML 3Page - Oscilent Corporation 872-RF455.0M-C Datasheet HTML 4Page - Oscilent Corporation 872-RF455.0M-C Datasheet HTML 5Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Oscilent Part Number
872-RF455.0M-C
January 2010 Rev A
CDMA 450 A-Band, RF/Tx SAW Filter
Product Specification
P. 4
www.oscilent.com
VSWR
Smith Chart


Similar Part No. - 872-RF455.0M-C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
872-RF453.5M-B OSCILENT-872-RF453.5M-B Datasheet
141Kb / 5P
   CDMA 450 H-Band, RF/Tx SAW Filter
More results

Similar Description - 872-RF455.0M-C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
803-RF455.0M-C OSCILENT-803-RF455.0M-C Datasheet
137Kb / 5P
   CDMA 450 A-Band, RF/Tx SAW Filter
logo
Transko Electronics, In...
TA455CP TRANSKO-TA455CP Datasheet
300Kb / 4P
   CDMA 450 A-Band, RF-Tx SAW Filter
Revision 0: April 2007
TA455AP TRANSKO-TA455AP Datasheet
301Kb / 4P
   CDMA 450 A-Band, RF-Tx SAW Filter
Revision 0:
logo
Oscilent Corporation
802-RF455.0M-A OSCILENT-802-RF455.0M-A_14 Datasheet
126Kb / 5P
   CDMA 450 A-Band, RF-Tx SAW Filter
862-RF455.0M-B OSCILENT-862-RF455.0M-B Datasheet
139Kb / 5P
   CDMA 450 A-Band, RF/Tx SAW Filter
803-RF455.0M-A OSCILENT-803-RF455.0M-A_14 Datasheet
130Kb / 5P
   CDMA 450 A-Band, RF/Tx SAW Filter
logo
Transko Electronics, In...
TA455AM TRANSKO-TA455AM Datasheet
369Kb / 4P
   CDMA 450 A-Band, RF-Tx SAW Filter
Revision 0:
TA455BM1 TRANSKO-TA455BM1 Datasheet
501Kb / 4P
   CDMA 450 A-Band, Balanced RF-Tx SAW Filter
Revision 1: July 2013
logo
Oscilent Corporation
802-RF453.5M-A OSCILENT-802-RF453.5M-A_14 Datasheet
139Kb / 5P
   CDMA 450 H-Band, RF-Tx SAW Filter
803-RF412.25M-A OSCILENT-803-RF412.25M-A_14 Datasheet
138Kb / 5P
   CDMA 450 L-Band, RF/Tx SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com