Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOU110 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QOU110
Description  QOU Miniature Circuit Breakers and Switches Unit Mount (Cable-in/Cable-out)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QOU110 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QOU110 Datasheet HTML 1Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 2Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 3Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 4Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 5Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 6Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 7Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 8Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
© 2005 Schneider Electric All Rights Reserved
09/2005
QOU Miniature Circuit Breakers and Switches
Application Information
APPLICATION INFORMATION
QOU Miniature Circuit Breaker Types
Miniature molded case circuit breakers are intended for use in residential and commercial applications.
They are tested and listed according to UL Standard 489 and CSA Standard C22.2 No. 5-02 for
molded case circuit breakers and enclosures.
QOU miniature circuit breakers are unit-mount (lug/lug) thermal-magnetic circuit breakers which:
Provide a means to manually open a circuit.
Automatically open a circuit under overload or short circuit conditions.
Feature common tripping of all poles.
Have a Visi-Trip® trip indicator.
Can be flush-, surface-, or DIN rail-mounted.
Has lugs at both ends (cable-in/cable-out construction)
Operate in any position.
Are fully tested, UL Listed, and CSA certified for reverse connection without restrictive line/load
markings.
Non-automatic Switches
QOU non-automatic switches are intended for use as disconnect devices only. UL Standard 489
requires switches to be protected by a thermal-magnetic circuit breaker (or fuse) of equivalent rating.
QOU switches are UL Listed for use on circuits capable of delivering not more than 10,000 amperes
when protected by an equivalent rated circuit breaker or fuse. QOU switches contain no automatic
tripping mechanisms and do not provide overcurrent protection.
Description
QOU miniature circuit breakers and switches are available for surface-, flush-, or DIN rail mounted
applications in one-, two-, and three-pole constructions. QOU miniature circuit breakers are used for
overcurrent protection and switching on both ac and dc electrical systems. QOU circuit breakers and
switches measure 0.75 in. (19 mm) wide per pole. Two- and three-pole circuit breakers are both
equipped with an internal crossbar for common tripping of all poles. QOU switches are available in
one-pole, 60 ampere and two- and three-pole, 60, 100 and 125 ampere construction.
Cases for QOU miniature circuit breakers and switches are constructed of a glass-reinforced insulating
material that provides high dielectric strength. Current carrying components are isolated from the
handle. The handle position indicates whether the circuit breaker is off, on or tripped.
Applications
One-pole QOU miniature circuit breakers rated 120/240 Vac are UL Listed for use on 120/240 Vac
single-phase, three-wire or 208Y/120 Vac three-phase, four-wire electrical systems.
Two-pole QOU circuit breakers rated 120/240 Vac are UL Listed for use on 120/240 Vac single-phase,
three-wire or 208Y/120 Vac three-phase, four-wire electrical systems. They cannot be used on 240
Vac delta systems. Use QOU-H two-pole circuit breakers rated 240 Vac on 240 Vac delta and 240 Vac
single-phase, two wire systems.
Three-pole QOU circuit breakers rated 240 Vac are UL Listed for use on any system where the maximum
phase-to-phase or phase-to-ground voltage is 240 Vac or less.
For application information on other systems, contact your local field office


Similar Part No. - QOU110

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU1100 SCHNEIDER-QOU1100 Datasheet
105Kb / 2P
   QOU Miniature Circuit Breaker, 100A, 1P. 120/240V, 10kA
QOU11001200 SCHNEIDER-QOU11001200 Datasheet
117Kb / 2P
   QOU Miniature Circuit Breaker, 100A, 1P, 120/240V, 10kA, Aux Switch
QOU1101021 SCHNEIDER-QOU1101021 Datasheet
120Kb / 2P
   QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Shunt Trip
QOU1101042 SCHNEIDER-QOU1101042 Datasheet
120Kb / 2P
   QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Shunt Trip
QOU1101200 SCHNEIDER-QOU1101200 Datasheet
120Kb / 2P
   QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Aux Switch
More results

Similar Description - QOU110

ManufacturerPart #DatasheetDescription
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
List of Unclassifed Man...
V4-T1-6 ETC2-V4-T1-6 Datasheet
2Mb / 98P
   Miniature Circuit Breakers and Supplementary Protectors
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
   UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
PHOENIX CONTACT
3644 PHOENIX-3644 Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com