Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSE259 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QSE259
Description  Plastic Silicon OPTOLOGIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSE259 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QSE259 Datasheet HTML 1Page - Fairchild Semiconductor QSE259 Datasheet HTML 2Page - Fairchild Semiconductor QSE259 Datasheet HTML 3Page - Fairchild Semiconductor QSE259 Datasheet HTML 4Page - Fairchild Semiconductor QSE259 Datasheet HTML 5Page - Fairchild Semiconductor QSE259 Datasheet HTML 6Page - Fairchild Semiconductor QSE259 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
QSE256, QSE257, QSE258, QSE259 Rev. 1.0.1
2
Block Diagrams
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Notes:
1. Derate power dissipation linearly 2.50mW/°C above 25°C.
2. RMA flux is recommended.
3. Methanol or isopropyl alcohols are recommended as cleaning agents.
4. Soldering iron tip 1/16" (1.6mm) minimum from housing.
Symbol
Parameter
Rating
Unit
TOPR
Operating Temperature
-40 to +85
°C
TSTG
Storage Temperature
-40 to +100
°C
TSOL-I
Soldering Temperature (Iron)(2,3,4)
240 for 5 sec
°C
TSOL-F
Soldering Temperature (Flow)(2,3)
260 for 10 sec
°C
IO
Output Current
50
mA
VCC
Supply Voltage
4.0 to 16
V
VO
Output Voltage
35
V
PD
Power Dissipation(1)
100
mW
GND
REGULATOR
VOLTAGE
VCC
VOUT
LA
LA
REGULATOR
VOLTAGE
GND
VOUT
VCC
LA
REGULATOR
VOLTAGE
GND
VOUT
VCC
REGULATOR
VOLTAGE
LA
VCC
VOUT
GND
QSE256
Totem-Pole Output Buffer
QSE257
Totem-Pole Output Inverter
QSE258
Open-Collector Output Buffer
QSE259
Open-Collector Output Inverter


Similar Part No. - QSE259

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSE213 FAIRCHILD-QSE213 Datasheet
314Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE213 FAIRCHILD-QSE213 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213C FAIRCHILD-QSE213C Datasheet
437Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213 FAIRCHILD-QSE213_05 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE214 FAIRCHILD-QSE214 Datasheet
314Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
More results

Similar Description - QSE259

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSE156 FAIRCHILD-QSE156_04 Datasheet
532Kb / 7P
   PLASTIC SILICON OPTOLOGIC PHOTOSENSOR
QSE156 FAIRCHILD-QSE156_08 Datasheet
222Kb / 7P
   Plastic Silicon OPTOLOGIC Photosensor
QSE156 FAIRCHILD-QSE156 Datasheet
284Kb / 5P
   OPTOLOGIC?
logo
QT Optoelectronics
QSA156 QT-QSA156 Datasheet
259Kb / 4P
   OPTOLOGIC
QSE156 QT-QSE156 Datasheet
262Kb / 4P
   OPTOLOGIC
logo
Fairchild Semiconductor
QSA156 FAIRCHILD-QSA156 Datasheet
282Kb / 5P
   OPTOLOGIC?
H22L FAIRCHILD-H22L_04 Datasheet
200Kb / 6P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
322Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00120 FAIRCHILD-QVE00120 Datasheet
146Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21L FAIRCHILD-H21L Datasheet
303Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com