Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOU225VH Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QOU225VH
Description  QOU Miniature Circuit Breakers and Switches Unit Mount (Cable-in/Cable-out)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QOU225VH Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QOU225VH Datasheet HTML 1Page - List of Unclassifed Manufacturers QOU225VH Datasheet HTML 2Page - List of Unclassifed Manufacturers QOU225VH Datasheet HTML 3Page - List of Unclassifed Manufacturers QOU225VH Datasheet HTML 4Page - List of Unclassifed Manufacturers QOU225VH Datasheet HTML 5Page - List of Unclassifed Manufacturers QOU225VH Datasheet HTML 6Page - List of Unclassifed Manufacturers QOU225VH Datasheet HTML 7Page - List of Unclassifed Manufacturers QOU225VH Datasheet HTML 8Page - List of Unclassifed Manufacturers QOU225VH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
QOU Miniature Circuit Breakers and Switches
Application Information
5
09/2005
© 2005 Schneider Electric All Rights Reserved
Line and Load Connections
QOU miniature circuit breakers are supplied with two types of lug configuration as standard, depending
on the continuous current rating:
10–70 ampere one- and two-pole; reversible lugs
10–60 ampere three-pole; reversible lugs
Other ampere ratings; forward lugs only
The box-type lugs supplied on QOU miniature circuit breakers are UL Listed and CSA certified to
accept solid or stranded, aluminum or copper conductors These lugs are UL Listed to be used with
wire rated at 140° F, 167° F and 194° F (60° C, 75° C and 90° C), sized according to the NEC 176° F
(75° C) temperature rating. See the Accessories section for more information on terminations.
Optional terminations, such as quick connectors, are also available. See the Accessories section for
more information on terminations.
Ring-tongue terminals can be factory ordered using the following catalog number designations:
QOU_ _ _3100 (ring-tongue terminal wired from front)
QOUR_ _ _5283 (ring-tongue terminal wired from rear)
Mounting Provisions
QOU miniature circuit breakers are supplied with mounting brackets for both line and load side
support. Mounting brackets are field installable and can be attached to the front or back of the circuit
breaker molded case. See the Accessories section for more information on mounting brackets.
Tapped mounting feet can be ordered using the catalog number designation QOU_ _ _3100.
All QOU miniature circuit breakers also come equipped with slots in the molded case for DIN rail
mounting.
These miniature circuit breakers are designed for use with a standard 35 mm DIN mounting rail
(DIN/EU 50 022, 0.30 x 1.38 in. [7.5 mm x 35 mm]).
Standards
Square D brand QOU miniature circuit breakers are manufactured and tested according to the
following standards:
UL Standard 489 (File E84967)
NEMA Standard AB1
Canadian Standards Association CSA C22.2 No. 5-02
IEC 60947-2
CE
Square D brand QOU non-automatic switches comply with:
UL Standard 489
Canadian Standards Association CSA C22.2 No. 5-02
NOTE: Circuit breakers are to be applied by guidelines detailed in the NEC and other applicable
electrical codes.


Similar Part No. - QOU225VH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU225 SCHNEIDER-QOU225 Datasheet
98Kb / 2P
   QOU Miniature Circuit Breaker, 25A, 2P, 120/240V, 10kA
QOU2251021 SCHNEIDER-QOU2251021 Datasheet
126Kb / 2P
   QOU Miniature Circuit Breaker, 25A, 2P, 120/240V, 10kA, Shunt Trip
QOU2251200 SCHNEIDER-QOU2251200 Datasheet
98Kb / 2P
   QOU Miniature Circuit Breaker, 25A, 2P, 120/240V, 10kA, Aux Switch
QOU2252100 SCHNEIDER-QOU2252100 Datasheet
103Kb / 2P
   QOU Miniature Circuit Breaker, 25A, 2P, 120/240V, 10kA, Alarm Switch
QOU2253100 SCHNEIDER-QOU2253100 Datasheet
120Kb / 2P
   QOU Miniature Circuit Breaker, 25A, 2P, 120/240V, 10kA, Mounting Foot
More results

Similar Description - QOU225VH

ManufacturerPart #DatasheetDescription
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
List of Unclassifed Man...
V4-T1-6 ETC2-V4-T1-6 Datasheet
2Mb / 98P
   Miniature Circuit Breakers and Supplementary Protectors
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
   UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
PHOENIX CONTACT
3644 PHOENIX-3644 Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com