Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOU235VH Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QOU235VH
Description  QOU Miniature Circuit Breakers and Switches Unit Mount (Cable-in/Cable-out)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QOU235VH Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QOU235VH Datasheet HTML 2Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 3Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 4Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 5Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 6Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 7Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 8Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 9Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
© 2005 Schneider Electric All Rights Reserved
09/2005
QOU Miniature Circuit Breakers and Switches
Application Information
Catalog Numbers
Square D brand circuit breakers are ordered by a catalog number that includes the circuit breaker
family, description, number of poles, amperage rating and suffix.
Ratings for QOU Miniature Circuit Breakers
When designing an electrical distribution system, overcurrent protective devices are generally selected
based on performance requirements. Factors influencing this selection include system voltage,
continuous current, interrupting rating and frequency.
QOU circuit breakers are selected by their ratings. A circuit breaker’s rating must meet or exceed the
parameters of the electrical system on which they are used.
Voltage Rating
A circuit breaker can be rated for alternating current (ac) or direct current (dc) or both. The established
voltage rating of a circuit breaker is based on design parameters such as clearance of current carrying
parts and dielectric withstand tests both through air and over surfaces. Voltage ratings indicate the
maximum voltage for the electrical system on which the circuit breaker can be applied.
The circuit breaker must have a voltage rating greater than or equal to the system voltage. When a
circuit breaker clears an overcurrent, it does so in two steps: First, the current sensing system
identifies the overcurrent and releases the tripping mechanism. This results in a parting of the
contacts. Then the circuit breaker must extinguish the voltage arc across the contacts. If the circuit
breaker has the correct voltage rating, it can efficiently extinguish this voltage arc. QOU miniature
circuit breakers are rated in the following UL 489 voltages, as shown in Table 3:
120/240 Vac
240 Vac
48 Vdc
60 Vdc
277 Vac for QYU, UL 1077 recognized supplementary protector only (not a branch circuit breaker)
Table 2:
Catalog Numbers
Typical Catalog Number:
QO
U
2
30
H
2100
QO Miniature Circuit Breaker Family
Description
U – Unit Mounted (Lugs on Both Ends)
No. of Poles
1 – 1-pole
2 – 2-pole
3 – 3-pole
Ampere Rating
10–125 Ampere Rating
00 = 60 A, 000 = 100 A, and 0001 - 125 A QOU Switch
Rating
1- and 2-pole
2-pole
3-pole
No Letter-Standard 120/240 Vac Rating
VH - 22,000 AIR
No Letter - 240 Vac Rating
VH - 22,000 AIR
H-240 Vac Rating
VH - 22,000 AIR
Suffix
XXX (i.e., 2100) - Indicates Factory-installed Accessory (See page 12)


Similar Part No. - QOU235VH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU235 SCHNEIDER-QOU235 Datasheet
98Kb / 2P
   QOU Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA
QOU2351021 SCHNEIDER-QOU2351021 Datasheet
131Kb / 2P
   QOU Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA, Shunt Trip
QOU2351200 SCHNEIDER-QOU2351200 Datasheet
99Kb / 2P
   QOU Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA, Aux Switch
QOU2352100 SCHNEIDER-QOU2352100 Datasheet
109Kb / 2P
   QOU Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA, Alarm Switch
QOU2353100 SCHNEIDER-QOU2353100 Datasheet
120Kb / 2P
   QOU Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA, Mounting Foot
More results

Similar Description - QOU235VH

ManufacturerPart #DatasheetDescription
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
List of Unclassifed Man...
V4-T1-6 ETC2-V4-T1-6 Datasheet
2Mb / 98P
   Miniature Circuit Breakers and Supplementary Protectors
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
   UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
PHOENIX CONTACT
3644 PHOENIX-3644 Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com