Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOU240VH Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # QOU240VH
Description  QOU Miniature Circuit Breakers and Switches Unit Mount (Cable-in/Cable-out)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QOU240VH Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QOU240VH Datasheet HTML 7Page - List of Unclassifed Manufacturers QOU240VH Datasheet HTML 8Page - List of Unclassifed Manufacturers QOU240VH Datasheet HTML 9Page - List of Unclassifed Manufacturers QOU240VH Datasheet HTML 10Page - List of Unclassifed Manufacturers QOU240VH Datasheet HTML 11Page - List of Unclassifed Manufacturers QOU240VH Datasheet HTML 12Page - List of Unclassifed Manufacturers QOU240VH Datasheet HTML 13Page - List of Unclassifed Manufacturers QOU240VH Datasheet HTML 14Page - List of Unclassifed Manufacturers QOU240VH Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
QOU Miniature Circuit Breakers and Switches
Application Information
11
09/2005
© 2005 Schneider Electric All Rights Reserved
Interrupting Rating (AIR) at 400 Hz.
At frequencies above 60 Hz, the interrupting rating of thermal-magnetic circuit breakers is less than the
60 Hz interrupting rating. Unless specifically marked for use of 400 Hz systems, the interrupting rating
of Square D circuit breakers is reduced to 1/10th of the 60 Hz interrupting rating.
Magnetic Tripping Performance
At frequencies above 60 Hz more current is necessary to magnetically trip a circuit breaker than at 60
Hz. Fig. 3 shows the multipliers of 60 Hz current that it takes to instantaneously trip a circuit breaker
when applied at various frequencies. For example, at 60 Hz, it takes 700 A or more to magnetically trip
a 100 A QOU circuit breaker per trip curve 730-7 (page 26). At 400 Hz, it takes 1820 A (2.6 multiplier)
or more to magnetically trip the same circuit breaker.
Figure 5:
60 Hz Current Multiplier
1
1.5
2
20
15
10
9
8
7
6
5
4
3
Line Frequency in Hertz


Similar Part No. - QOU240VH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU240 SCHNEIDER-QOU240 Datasheet
106Kb / 2P
   QOU Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA
QOU2401021 SCHNEIDER-QOU2401021 Datasheet
131Kb / 2P
   QOU Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA, Shunt Trip
QOU2401042 SCHNEIDER-QOU2401042 Datasheet
131Kb / 2P
   QOU Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA, Shunt Trip
QOU2401200 SCHNEIDER-QOU2401200 Datasheet
105Kb / 2P
   QOU Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA, Aux Switch
QOU2401201 SCHNEIDER-QOU2401201 Datasheet
99Kb / 2P
   QOU Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA, Aux Switch
More results

Similar Description - QOU240VH

ManufacturerPart #DatasheetDescription
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
List of Unclassifed Man...
V4-T1-6 ETC2-V4-T1-6 Datasheet
2Mb / 98P
   Miniature Circuit Breakers and Supplementary Protectors
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
   UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
PHOENIX CONTACT
3644 PHOENIX-3644 Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com