Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOU245VH Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QOU245VH
Description  QOU Miniature Circuit Breakers and Switches Unit Mount (Cable-in/Cable-out)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QOU245VH Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button QOU245VH Datasheet HTML 3Page - List of Unclassifed Manufacturers QOU245VH Datasheet HTML 4Page - List of Unclassifed Manufacturers QOU245VH Datasheet HTML 5Page - List of Unclassifed Manufacturers QOU245VH Datasheet HTML 6Page - List of Unclassifed Manufacturers QOU245VH Datasheet HTML 7Page - List of Unclassifed Manufacturers QOU245VH Datasheet HTML 8Page - List of Unclassifed Manufacturers QOU245VH Datasheet HTML 9Page - List of Unclassifed Manufacturers QOU245VH Datasheet HTML 10Page - List of Unclassifed Manufacturers QOU245VH Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
QOU Miniature Circuit Breakers and Switches
Application Information
7
09/2005
© 2005 Schneider Electric All Rights Reserved
Interrupting Rating
The interrupting rating of a circuit breaker is the highest current at rated voltage that the circuit breaker
is intended to interrupt under standard test conditions. Circuit breakers must be chosen with
interrupting ratings equal to or greater than the maximum available short-circuit current at the point
where the circuit breaker is applied in the system (See Table 3).
Continuous Current Rating
The continuous current rating of a circuit breaker is defined by the National Electrical Manufacturers
Association (NEMA) as: “The maximum direct current or rms current, in amperes, at rated frequency
which a device or assembly will carry continuously without exceeding the specified limits of observable
temperature rise.” Sometimes referred to as the ampere rating or handle rating of the circuit breaker,
the continuous current rating relates to the system current flow under normal conditions.
UL Standard 489 states that circuit breakers must carry 100% of their continuous current rating
indefinitely (without tripping) at 104° F (40° C) in free air. QOU circuit breakers should be applied, per
the NEC, to carry 80% of their continuous current ratings in the intended enclosure. The continuous
current rating is indicated on the handle of each circuit breaker. See Table 1.
Switching Duty
The switching duty (SWD) listing applies only to 15 A and 20 A circuit breakers rated at 277 Vac or
less. The circuit breakers are subjected to specified temperature rise tests at predetermined periods
during the endurance operations.
Table 3:
Interrupting Rating
Circuit
Breaker
Type
No. of
Poles
Ampere
Rating
UL Listed Interrupting Rating—RMS Sym. Amperes
AC Volts
DC Volts1
1
DC ratings do not apply to circuit breakers rated for 10 A
120/240
240
277
48
60
QOU
1
10–30
NA
NA
5 kA
10–70
10 kA
NA
NA
5 kA
NA
80–100
10 kA
NA
NA
NA
5 kA
2
10–70
10 kA
NA
NA
5 kA
NA
80–125
10 kA
NA
NA
NA
5 kA
3
10–70
NA
10 kA
NA
5 kA
NA
80–100
NA
10 kA
NA
NA
5 kA
QOU-H
2
15–30
NA
10 kA
NA
5 kA
NA
QOU-VH
2
15–60
22 kA
NA
NA
5 kA
NA
NA = Not Applicable


Similar Part No. - QOU245VH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU245 SCHNEIDER-QOU245 Datasheet
109Kb / 2P
   QOU Miniature Circuit Breaker, 45A, 2P, 120/240V, 10kA
QOU2451200 SCHNEIDER-QOU2451200 Datasheet
140Kb / 2P
   QOU Miniature Circuit Breaker, 45A, 2P, 120/240V, 10kA, Aux Switch
More results

Similar Description - QOU245VH

ManufacturerPart #DatasheetDescription
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
List of Unclassifed Man...
V4-T1-6 ETC2-V4-T1-6 Datasheet
2Mb / 98P
   Miniature Circuit Breakers and Supplementary Protectors
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
   UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
PHOENIX CONTACT
3644 PHOENIX-3644 Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com