Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOU250VH Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QOU250VH
Description  QOU Miniature Circuit Breakers and Switches Unit Mount (Cable-in/Cable-out)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QOU250VH Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QOU250VH Datasheet HTML 6Page - List of Unclassifed Manufacturers QOU250VH Datasheet HTML 7Page - List of Unclassifed Manufacturers QOU250VH Datasheet HTML 8Page - List of Unclassifed Manufacturers QOU250VH Datasheet HTML 9Page - List of Unclassifed Manufacturers QOU250VH Datasheet HTML 10Page - List of Unclassifed Manufacturers QOU250VH Datasheet HTML 11Page - List of Unclassifed Manufacturers QOU250VH Datasheet HTML 12Page - List of Unclassifed Manufacturers QOU250VH Datasheet HTML 13Page - List of Unclassifed Manufacturers QOU250VH Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
QOU Miniature Circuit Breakers and Switches
Application Information
10
© 2005 Schneider Electric All Rights Reserved
09/2005
For example, Figure 3 shows the ambient rerating curves for QOU miniature
circuit breakers. What is the continuous current capacity of a 80 A circuit
breaker applied at 104° F (40° C)? A 90 A circuit breaker at 50° F (10° C)?
By finding 40° C on the horizontal axis and reading up to the 80 A curve, you
find that the circuit breaker will carry 80 A, which is its rated current carrying
capacity. If the circuit breaker will be used on a continuous load (defined as
three hours or more), Section 210-20(a) of the 2005 NEC requires that
loading not exceed 80% of the rating. Here, 80 A x .80 = 64 A.
Locate 50° F (10° C) on the horizontal axis and move straight up to the 90 A
curve. The circuit breaker will carry 110 A. Again, if the circuit is used on a
continuous load, it must be applied at 80% of its rating. In this example the
equation is 110 A x .80 = 88 A.
As explained in Section 210-20(a) of the NEC:
“Where a branch circuit supplies continuous loads or any combination of
continuous and noncontinuous loads, the rating of the overcurrent
device shall not be less than the noncontinuous load plus 125 percent of
the continuous load.
“Exception: Where the assembly, including the overcurrent devices
protecting the branch circuit(s), is listed for operation at 100 percent of
its rating, the ampere rating of the overcurrent device shall be permitted
to be not less than the sum of the continuous load plus the
noncontinuous load.”
Frequency Rating
The standard-rated frequency for circuit breakers is 60 Hz, but Square D
circuit breakers can be applied on 50 Hz systems without thermal or
magnetic rerating. Other frequencies can affect the thermal, magnetic and
short-circuit tripping characteristics of circuit breakers.
Applying thermal-magnetic circuit breakers at frequencies above 50/60 Hz
requires special consideration of the effects of high frequency on circuit
breaker tripping characteristics. Thermal and magnetic operations must be
treated separately.
Thermal Tripping Performance at High Frequency
At frequencies below 60 Hz, the thermal rerating of thermal-magnetic circuit
breakers is negligible. However, at frequencies above 60 Hz, thermal
rerating is required. High-frequency operation causes abnormal heat rise in
the current-carrying parts because of the skin effect.
One of the most common high-frequency applications is at 400 Hz. Figure 4
indicates the thermal rerating multiplier to be used with each circuit breaker
family when applied on 400 Hz systems.
When applying a 100 A QOU circuit breaker on a 400 Hz system, the circuit
breaker’s current carrying capacity is as follows:
Non-continuous Loads (less than three hours): Using Figure 4, the QOU
circuit breaker may be applied at .78 of rating, or 78 A.
Continuous Loads (three hours of more): NEC Article 210-20(a) requires
that standard circuit breaker loading does not exceed 80% of the circuit
breaker’s rating when used for continuous loads. Therefore, the current-
carrying capacity of a 100 A QOU circuit breaker operating under
continuous load at 400 Hz would be 100 A x .78 x .80 = 62 A.
.
Figure 3:
Ambient Rerating of QOU Circuit
Breaker
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
100 A
90 A
80 A
70 A
15 A
10 A
30 A
20 A
40 A
60 A
50 A
110 A
125 A
-10
(14)
0
(32)
20
(68)
40
(104)
60
(140)
Ambient Temperature
˚C
(˚F)
45 A
Figure 4:
Frequency Rerating of QOU
Circuit Breaker at 400 Hz
100
200
300
0
.5
.6
.7
.8
.9
1.0
QO,
QOU
Current Rating in Amperes


Similar Part No. - QOU250VH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU250 SCHNEIDER-QOU250 Datasheet
105Kb / 2P
   QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA
QOU2501021 SCHNEIDER-QOU2501021 Datasheet
131Kb / 2P
   QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Shunt Trip
QOU2501042 SCHNEIDER-QOU2501042 Datasheet
131Kb / 2P
   QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Shunt Trip
QOU2501200 SCHNEIDER-QOU2501200 Datasheet
147Kb / 2P
   QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Aux Switch
QOU2501201 SCHNEIDER-QOU2501201 Datasheet
99Kb / 2P
   QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Aux Switch
More results

Similar Description - QOU250VH

ManufacturerPart #DatasheetDescription
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
List of Unclassifed Man...
V4-T1-6 ETC2-V4-T1-6 Datasheet
2Mb / 98P
   Miniature Circuit Breakers and Supplementary Protectors
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
   UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
PHOENIX CONTACT
3644 PHOENIX-3644 Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com