Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFG08E600 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SFG08E600
Description  0.8 Amp Super Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SFG08E600 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SFG08E600 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SFG08E600 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SFG08E200~SFG08E600
Voltage 200V ~ 600V
0.8 Amp Super Fast Recovery Rectifier
Elektronische Bauelemente
14-Jun-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
RoHS Compliant Product
A suffix of “-C” specifies and halogen free
FEATURES
Fast switching for high efficiency
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
MECHANICAL DATA
Case:Molded plastic TO-220YA
Epoxy:UL 94V-0 rate flame retardant
Terminals:Solderable per MIL-STD-202
method 208
Polarity:Color band denotes cathode
Mounting position:Any
Weight:2.07 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameters
Symbol
Part Number
Unit
SFG08E200
SFG08E400
SFG08E600
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
V
Maximum RMS Voltage
VRMS
140
280
420
V
Maximum DC Blocking Voltage
VDC
200
400
600
V
Maximum Average Forward Rectified
Current TC=100°C
IF(AV)
8.0
A
Peak Forward Surge Current,8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
125
A
Maximum Instantaneous Forward Voltage @ 8.0A
VF
0.95
1.25
2.4
V
Maximum DC Reverse Current At
Rated DC Blocking Voltage
TJ=25°C
IR
10
µA
TJ=125°C
250
Maximum Reverse Recovery Time
1
TRR
25
nS
Typical Junction Capacitance
2
CJ
85
50
pF
Typical Thermal Resistance
3
RθJC
2.2
°C/ W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Notes:
1.
Reverse recovery test conditions IF= 0.5A, IR= 1.0A, IRR= 0.25A.
2.
Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
3.
Thermal Resistance junction to case.
TO-220YA
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
-
10.5
I
12.90
13.35
B
1.58
1.82
J
4.44
4.70
C
1.33
1.45
K
1.14
1.40
D
15.3
16.2
L
5.84
6.86
E
3.50
3.91
M
2.25
2.60
F
2.90
3.25
N
0.35
0.64
G
1.22
1.43
P
-
1.7
H
0.68
0.94
Q
4.95
5.20


Similar Part No. - SFG08E600

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG08E200F SECOS-SFG08E200F Datasheet
465Kb / 4P
   Voltage 200V ~ 600V 8.0 Amp Super Fast Recovery Rectifier
More results

Similar Description - SFG08E600

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD0803 SECOS-SCD0803_15 Datasheet
628Kb / 2P
   0.8 AMP Glass Passivated Ultra Fast Recovery Rectifier
SFG10S200 SECOS-SFG10S200 Datasheet
639Kb / 2P
   10.0 Amp Super Fast Recovery Rectifier
SFG16S200F SECOS-SFG16S200F Datasheet
210Kb / 2P
   16.0 Amp Super Fast Recovery Rectifier
SFG10ED200D SECOS-SFG10ED200D_15 Datasheet
804Kb / 2P
   10.0 Amp Super Fast Recovery Rectifier
SF15E60F SECOS-SF15E60F Datasheet
225Kb / 2P
   15 Amp Super Fast Recovery Rectifier
SF20TD60 SECOS-SF20TD60 Datasheet
212Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
SF20TD60F SECOS-SF20TD60F Datasheet
207Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
SF10TD60 SECOS-SF10TD60 Datasheet
210Kb / 2P
   10.0 Amp Super Fast Recovery Rectifier
SF20ED60F SECOS-SF20ED60F Datasheet
207Kb / 2P
   20 Amp Super Fast Recovery Rectifier
SF20TD40F SECOS-SF20TD40F Datasheet
205Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com