Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM0410S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SGM0410S
Description  N-Channel Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SGM0410S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SGM0410S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SGM0410S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SGM0410S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SGM0410S Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SGM0410S
2.2A , 100V , RDS(ON) 310 mΩ
N-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
28-Sep-2012 Rev.A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
100
-
-
V
VGS=0, ID= 250µA
Gate-Threshold Voltage
VGS(th)
1
-
2.5
V
VDS=VGS, ID=250µA
Forward Transconductance
gfs
-
5.4
-
S
VDS=5V, ID=2A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=80V, VGS=0, TJ=25°C
-
-
5
VDS=80V, VGS=0, TJ=55°C
Static Drain-Source On-Resistance
2
RDS(ON)
-
-
310
m
VGS=10V, ID=2A
-
-
320
VGS=4.5V, ID=1A
Gate Resistance
Rg
-
2
-
VGS= VDS=0, f =1.0MHz
Total Gate Charge(10V)
Qg
-
9.1
-
nC
ID=2A
VDS=50V
VGS=10V
Gate-Source Charge
Qgs
-
2
-
Gate-Drain Change
Qgd
-
1.4
-
Turn-on Delay Time
2
Td(on)
-
2
-
nS
VDD=50V
ID=2A
VGS=10V
RG=3.3
Rise Time
Tr
-
21.6
-
Turn-off Delay Time
Td(off)
-
11.2
-
Fall Time
Tf
-
18.8
-
Input Capacitance
Ciss
-
508
-
pF
VGS =0
VDS=15V
f =1.0MHz
Output Capacitance
Coss
-
29
-
Reverse Transfer Capacitance
Crss
-
16.4
-
Source-Drain Diode
Diode Forward Voltage
2
VSD
-
-
1.2
V
IS=1A, VGS=0
Continuous Source Current
1,4
IS
-
-
2.2
A
VD=VG=0, Force Current
Pulsed Source Current
2,4
ISM
-
-
5.5
A
Reverse Recovery Time
Trr
-
17.5
-
nS
IF=2A, dl/dt=100A/µS,
TJ=25°C
Reverse Recovery Charge
Qrr
-
14
-
nC
Note:
1.
The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2.
The data tested by pulsed , pulse width ≦ 300µs , duty cycle ≦ 2%
3.
The power dissipation is limited by 150°C, junc tion temperature.
4.
The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.


Similar Part No. - SGM0410S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM0410S SECOS-SGM0410S_15 Datasheet
488Kb / 4P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SGM0410S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com