Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG858BW45 Datasheet(PDF) 10 Page - Dynex Semiconductor

Part # DG858BW45
Description  Gate Turn-off Thyristor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DG858BW45 Datasheet(HTML) 10 Page - Dynex Semiconductor

Back Button DG858BW45 Datasheet HTML 6Page - Dynex Semiconductor DG858BW45 Datasheet HTML 7Page - Dynex Semiconductor DG858BW45 Datasheet HTML 8Page - Dynex Semiconductor DG858BW45 Datasheet HTML 9Page - Dynex Semiconductor DG858BW45 Datasheet HTML 10Page - Dynex Semiconductor DG858BW45 Datasheet HTML 11Page - Dynex Semiconductor DG858BW45 Datasheet HTML 12Page - Dynex Semiconductor DG858BW45 Datasheet HTML 13Page - Dynex Semiconductor DG858BW45 Datasheet HTML 14Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
DG858BW45
10/19
0
500
1000
1500
2000
3000
2500
On-state current I
T - (A)
0
1000
2000
3000
4000
5000
6000
Conditions:
T
j = 25˚C
Cs = 3.0µF
dI
GQ/dt = 40A/µs
7000
8000
A: V
DM = 100% VDRM
B: V
DM = 75% VDRM
C: V
DM = 50% VDRM
9000
A
B
C
A
Figure 16. Turn-off energy loss vs on-state current
20
25
30
35
40
45
50
55
60
Rate of rise of reverse gate current dI
GQ/dt- (A/µs)
4000
4500
5000
5500
6000
6500
7000
7500
8000
Conditions:
I
T = 3000A
T
j = 25˚C
Cs = 3.0
µF
8500
9000
V
DM = 100% VDRM
V
DM = 75% VDRM
V
DM =
50% V
DRM
Figure 17. Turn-off energy vs rate of rise of reverse gate current


Similar Part No. - DG858BW45

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DG858BW45 DYNEX-DG858BW45_15 Datasheet
228Kb / 19P
   Gate Turn-off Thyristor
More results

Similar Description - DG858BW45

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DG858DW45 DYNEX-DG858DW45 Datasheet
48Kb / 7P
   Gate Turn-Off Thyristor
DG408BP45 DYNEX-DG408BP45 Datasheet
223Kb / 19P
   Gate Turn-off Thyristor
DG758BX45 DYNEX-DG758BX45_15 Datasheet
237Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA20H2501 ABB-5SGA20H2501 Datasheet
313Kb / 9P
   Gate turn-off Thyristor
logo
Dynex Semiconductor
DG406BP25 DYNEX-DG406BP25_05 Datasheet
197Kb / 19P
   Gate Turn-off Thyristor
logo
Power Semiconductors
ATG778 POSEICO-ATG778 Datasheet
44Kb / 2P
   GATE TURN-OFF THYRISTOR
logo
Dynex Semiconductor
DG648BH45 DYNEX-DG648BH45 Datasheet
220Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA25H2501 ABB-5SGA25H2501 Datasheet
113Kb / 9P
   Gate turn-off Thyristor
5SGF30J4502 ABB-5SGF30J4502 Datasheet
303Kb / 9P
   Gate turn-off Thyristor
logo
Dynex Semiconductor
DG306AE25 DYNEX-DG306AE25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
DG406BP25 DYNEX-DG406BP25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com