Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SID10N30-600I Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SID10N30-600I
Description  N-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SID10N30-600I Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SID10N30-600I Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SID10N30-600I Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SID10N30-600I Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SID10N30-600I Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SID10N30-600I
5.8A, 300V, RDS(ON) 600 m
N-Channel Enhancement MOSFET
04-Dec-2012 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Static
Gate-Threshold Voltage
VGS(th)
1
-
3.5
V
VDS=VGS, ID=250μA
Gate-Body Leakage
IGSS
-
-
±10
nA
VDS=0, VGS=±20V
-
-
1
VDS=240V, VGS=0
Zero Gate Voltage Drain Current
IDSS
-
-
25
μA
VDS=240V, VGS=0, TJ=55°C
On-State Drain Current
1
ID(ON)
10
-
-
A
VDS=5V, VGS=10V
-
-
600
VGS=10V, ID=2.9A
Drain-Source On-Resistance
1
RDS(ON)
-
-
900
mΩ
VGS=5.5V, ID=2.6A
Forward Transconductance
1
gFS
-
10
-
S
VDS=15V,,ID=2.9A
Diode Forward Voltage
VSD
-
0.8
-
V
IS=5A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
13.5
-
Gate-Source Charge
Qgs
-
4.1
-
Gate-Drain Charge
Qgd
-
3.4
-
nC
ID=2.9A
VDS=120V
VGS=10V
Turn-On Delay Time
Td(ON)
-
12.1
-
Rise Time
Tr
-
13.3
-
Turn-Off Delay Time
Td(OFF)
-
28.9
-
Fall Time
Tf
-
16.8
-
nS
VDD=120V
VGEN=10V
RL=41.4Ω
ID=2.9A
RGEN=6Ω
Input Capacitance
Ciss
-
1092
-
Output Capacitance
Coss
-
90
-
Reverse Transfer Capacitance
Crss
-
52
-
pF
VGS=0
VDS=15V
f =1MHz
Notes:
1
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
2
Guaranteed by design, not subject to production testing.


Similar Part No. - SID10N30-600I

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SID10N30 SECOS-SID10N30_15 Datasheet
623Kb / 4P
   N-Channel Enhancement MOSFET
More results

Similar Description - SID10N30-600I

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com