Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF201A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMF201A
Description  2 Amp High Efficiency Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF201A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMF201A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF201A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMF201A~SMF207A
Voltage 50 V ~ 1000 V
2.0 Amp High Efficiency Recovery Rectifiers
27-Aug-2013 Rev.C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
MECHANICAL DATA
Case: Molded plastic SMA
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMA
5K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SMF
201A
SMF
202A
SMF
203A
SMF
204A
SMF
205A
SMF
206A
SMF
207A
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current.375”(9.5mm) Lead Length at
TA=55°C
IF
2
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 2A
VF
1.3
1.5
1.7
V
TJ=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=125°C
IR
200
μA
Maximum Reverse Recovery Time
1
TRR
150
250
500
nS
RθJL
30
°C/W
Typical Thermal Resistance
RθJC
35
Typical Junction Capacitance
2
CJ
50
pF
Operating & Storage Temperature
TJ,TSTG
-55~150
°C
Notes:
1. Reverse Recovery Time test condition:IF=0.5A, IR=1A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
SMA
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.24
1.65
E
-
0.203
B
3.99
4.60
F
4.80
5.28
C
2.40
2.90
G
0.76
1.52
D
1.90
2.44
H
0.15
0.305


Similar Part No. - SMF201A

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SMF201A GWSEMI-SMF201A Datasheet
69Kb / 2P
   2.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
SMF201A SUNMATE-SMF201A Datasheet
426Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
SeCoS Halbleitertechnol...
SMF201AM SECOS-SMF201AM Datasheet
187Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp Fast Recovery Rectifiers
SMF201A SECOS-SMF201A_15 Datasheet
199Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
More results

Similar Description - SMF201A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF301B SECOS-SEF301B_15 Datasheet
395Kb / 2P
   3.0 Amp High Efficiency Recovery Rectifiers
SUF201B SECOS-SUF201B_15 Datasheet
235Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
SEF101A SECOS-SEF101A_15 Datasheet
258Kb / 2P
   1.0 Amp High Efficiency Recovery Rectifiers
SEF301C SECOS-SEF301C_15 Datasheet
288Kb / 2P
   3.0 AMP High Efficiency Recovery Rectifiers
SMF301B SECOS-SMF301B Datasheet
284Kb / 2P
   3.0 Amp High Efficiency Recovery Rectifiers
ES11A SECOS-ES11A Datasheet
214Kb / 2P
   1.0 Amp High Efficiency Recovery Rectifiers
SEF201B SECOS-SEF201B_15 Datasheet
253Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
SMF301B SECOS-SMF301B_15 Datasheet
284Kb / 2P
   3.0 Amp High Efficiency Recovery Rectifiers
SMF201A SECOS-SMF201A_15 Datasheet
199Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
SEF101M SECOS-SEF101M Datasheet
259Kb / 3P
   1.0 Amp High Efficiency Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com