Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGT408BRP4540 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DGT408BRP4540
Description  Reverse Blocking Gate Turn-off Thyristor Target Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DGT408BRP4540 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DGT408BRP4540 Datasheet HTML 1Page - Dynex Semiconductor DGT408BRP4540 Datasheet HTML 2Page - Dynex Semiconductor DGT408BRP4540 Datasheet HTML 3Page - Dynex Semiconductor DGT408BRP4540 Datasheet HTML 4Page - Dynex Semiconductor DGT408BRP4540 Datasheet HTML 5Page - Dynex Semiconductor DGT408BRP4540 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DGT408BRP
5/6
www.dynexsemi.com
20˚
Gate
Ø38 nom
Ø56 max
Ø57.5 max
Ø63.5 max
Ø38 nom
Ø51 nom
Cathode
Anode
2 holes Ø3.6
± 0.1 x 1.95 ± 0.05 deep
Auxiliary cathode
Nominal weight: 350g
Clamping force: 12kN
±10%
Lead length: 505mm
Package outine type code: P
Weight: 350g
PACKAGE DETAILS
For further package information, please visit our website or contact your nearest Customer Service Centre. All dimensions in mm, unless
stated otherwise. DO NOT SCALE.


Similar Part No. - DGT408BRP4540

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DGT409BCA DYNEX-DGT409BCA Datasheet
61Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT409BCA DYNEX-DGT409BCA Datasheet
145Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT409BCA6565 DYNEX-DGT409BCA6565 Datasheet
61Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT409BCA6565 DYNEX-DGT409BCA6565 Datasheet
145Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT409BCA DYNEX-DGT409BCA_07 Datasheet
145Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
More results

Similar Description - DGT408BRP4540

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DGT409BCA DYNEX-DGT409BCA Datasheet
61Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE_15 Datasheet
336Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE Datasheet
462Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT305RE DYNEX-DGT305RE Datasheet
309Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE_04 Datasheet
277Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT409BCA DYNEX-DGT409BCA_07 Datasheet
145Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT305RE DYNEX-DGT305RE_15 Datasheet
368Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DG858DW45 DYNEX-DG858DW45 Datasheet
48Kb / 7P
   Gate Turn-Off Thyristor
DG408BP45 DYNEX-DG408BP45 Datasheet
223Kb / 19P
   Gate Turn-off Thyristor
DG758BX45 DYNEX-DG758BX45_15 Datasheet
237Kb / 19P
   Gate Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com