Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM200MHS17-A000 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DIM200MHS17-A000
Description  Half Bridge IGBT Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM200MHS17-A000 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DIM200MHS17-A000 Datasheet HTML 1Page - Dynex Semiconductor DIM200MHS17-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM200MHS17-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM200MHS17-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM200MHS17-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM200MHS17-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM200MHS17-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM200MHS17-A000 Datasheet HTML 8Page - Dynex Semiconductor DIM200MHS17-A000 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DIM200MHS17-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
5/10
www.dynexsemi.com
Units
ns
ns
mJ
ns
ns
mJ
µC
µC
A
mJ
Max.
-
-
-
-
-
-
-
-
-
-
Typ.
590
300
40
320
90
50
-
65
195
42
Min.
-
-
-
-
-
-
-
-
-
-
Test Conditions
I
C = 200A
V
GE = ±15V
V
CE = 900V
R
G(ON) = RG(OFF) = 4.7Ω
L ~ 100nH
I
F = 200A, VR = 900V,
dI
F/dt = 3000A/µs
Parameter
Turn-off delay time
Fall time
Turn-off energy loss
Turn-on delay time
Rise time
Turn-on energy loss
Gate charge
Diode reverse recovery charge
Diode reverse current
Diode reverse recovery energy
ELECTRICAL CHARACTERISTICS
T
case = 25˚C unless stated otherwise
Symbol
t
d(off)
t
f
E
OFF
t
d(on)
t
r
E
ON
Q
g
Q
rr
I
rr
E
REC
T
case = 125˚C unless stated otherwise
Units
ns
ns
mJ
ns
ns
mJ
µC
A
mJ
Max.
-
-
-
-
-
-
-
-
-
Typ.
880
410
60
110
450
85
100
195
64
Min.
-
-
-
-
-
-
-
-
-
Test Conditions
I
C = 200A
V
GE = ±15V
V
CE = 900V
R
G(ON) = RG(OFF) = 4.7Ω
L ~ 100nH
I
F = 200A, VR = 900V,
dI
F/dt = 2500A/µs
Parameter
Turn-off delay time
Fall time
Turn-off energy loss
Turn-on delay time
Rise time
Turn-on energy loss
Diode reverse recovery charge
Diode reverse current
Diode reverse recovery energy
Symbol
t
d(off)
t
f
E
OFF
t
d(on)
t
r
E
ON
Q
rr
I
rr
E
REC


Similar Part No. - DIM200MHS17-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM200PHM33-A000 DYNEX-DIM200PHM33-A000 Datasheet
186Kb / 10P
   Half Bridge IGBT Module Preliminary Information
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000 Datasheet
143Kb / 9P
   Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000_11 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000_15 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
More results

Similar Description - DIM200MHS17-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP200MHS12 DYNEX-GP200MHS12 Datasheet
99Kb / 10P
   Half Bridge IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
   Half Bridge IGBT Module
logo
SemiWell Semiconductor
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
   HALF-BRIDGE IGBT MODULE
logo
Dynex Semiconductor
DIM400PHM17-A000 DYNEX-DIM400PHM17-A000_15 Datasheet
460Kb / 8P
   IGBT Half Bridge Module
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000_15 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TS000 DYNEX-DIM250PHM33-TS000_15 Datasheet
396Kb / 8P
   Half Bridge IGBT Module
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
   Half Bridge IGBT Module
GP350MHB06S DYNEX-GP350MHB06S Datasheet
126Kb / 10P
   Half Bridge IGBT Module
DIM250PHM33-TL000 DYNEX-DIM250PHM33-TL000 Datasheet
360Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TL000 DYNEX-DIM250PHM33-TL000_15 Datasheet
360Kb / 8P
   Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000 Datasheet
143Kb / 9P
   Half Bridge IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com