Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

41696004X-3 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 41696004X-3
Description  PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

41696004X-3 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 41696004X-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 41696004X-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers 41696004X-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers 41696004X-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers 41696004X-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers 41696004X-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers 41696004X-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers 41696004X-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers 41696004X-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
CONNECTION & OPERATION
CAUTION: Never connect or disconnect parts of the display system when the system is powered up as this may cause serious
damage.
CONNECTION
Connection and usage is quite straight forward (it is useful to have the relevant connection diagram available at this time):
1.
LCD panel & Inverter: Connect the inverter (if it is not built-in the panel) to the CCFT lead connector of the LCD panel.
2.
TTL type panels: Plug the signal cables direct to CN2, CN3 and CN4 (CN4 will not be used for 3x6-bit panel) on the
controller board. Plug the other end of cables to the LCD connector board (if connector board is required, otherwise the
signal can be direct plug to the LCD panel connector). Then plug the board connector to the LCD panel connector.
LVDS type panels: The controller board has the built-in LVDS transmitter driver. Plug the LVDS cable to J3. Insert the
panel end of the cable the LCD panel connector.
3.
Inverter & Controller: Plug the inverter cable to CNB1 and CNA1 (if necessary). Plug another end to the connector on
the inverter.
4.
Function switch & Controller: Plug the OSD switch mount cable to CNC1 on the controller board and another to the
OSD switch mount.
5.
LED & Controller: Plug in a 3-way with dual colour LED to connector LED1 on the controller board.
6.
IR & Controller: Plug in a 3-way with IR sensor to connector IR1 on the controller board.
7.
Jumpers & Switches: Check all jumpers and switches (S1, S1, SW3, SW4) are set correctly. Details referring the
connection diagram (a separate document) or the jumpers and switches setting table (in the following section).
8.
Jumpers & Inverter & Panel voltage: Particularly pay attention to the settings of JA3, JA5, JA6, JB2 and JB3. JB2 & JB3
are used for inverter control (read inverter specification and information on the jumper table to define the correct settings).
JA3 & JA5 & JA6 are used for panel voltage input (read panel specification and information on the jumper table to define
the correct settings).
9.
VGA cable & Controller: Plug the VGA cable to the connector P1 on the controller board.
10. Power supply & Controller: Plug the DC 12V/24V power in to the connector PP5 or PP2/3. You can consider to use
DigitalView mating power cable P/N 426013800-3, 160mm for PP5 connection.
11. External panel power input : Plug power cable : P/N 426013700-3 for external panel power input (3.3 (max 7A) / 5V
(max 7A) / 12V (max 5A) / 18V (max3.5))
12. Power on: Switch on the controller board and panel by using the OSD switch mount.
13. Audio Board : The Audio Add-on Board P/N 416940020-3 is only operate under 12VDC power input environment.
The red LED will light up when power on. The LED will change to green when VGA signal on.
General:
If you are using supplied cables & accessories, ensure they are correct for the model of panel and controller.
If you are making your own cables & connectors refer carefully to both the panel & inverter specifications and the section
in this manual, “Connectors, Pinouts & Jumpers” to ensure the correct pin to pin wiring.
PC SETTINGS
The controller has been designed to take a very wide range of input signals however to optimize the PC’s graphics performance
we recommend choosing 60Hz vertical refresh rate – this will not cause screen flicker.
OPERATION
Once the system has been connected and switched on there are a number of functions available to adjust the display
image as summarized in the following sections. The settings chosen will be saved for each mode independently.


Similar Part No. - 41696004X-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41696005X-3 ETC2-41696005X-3 Datasheet
814Kb / 56P
   PC, DVI, VIDEO, HD Component INTERFACE CONTROLLER FOR TFT PANEL
More results

Similar Description - 41696004X-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41696005X-3 ETC2-41696005X-3 Datasheet
814Kb / 56P
   PC, DVI, VIDEO, HD Component INTERFACE CONTROLLER FOR TFT PANEL
41696014X-3 ETC2-41696014X-3 Datasheet
636Kb / 50P
   HARSH ENVIRONMENT PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
4169900304X-3 ETC2-4169900304X-3 Datasheet
521Kb / 39P
   PC, DVI & VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41725001X-3 ETC2-41725001X-3 Datasheet
1Mb / 70P
   PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41721003X-3 ETC2-41721003X-3 Datasheet
1Mb / 67P
   PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41713002X-3 ETC2-41713002X-3 Datasheet
137Kb / 18P
   DVI-D INTERFACE CONTROLLER FOR 2560x1600 resolution TFT PANEL
logo
Digital View Ltd
ALR-1920 DIGITALVIEW-ALR-1920 Datasheet
1Mb / 36P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
41728001X-3 ETC2-41728001X-3 Datasheet
637Kb / 36P
   PC, HDMI, DISPLAY PORT, SDI INTERFACE CONTROLLER FOR TFT PANEL
logo
Schneider Electric
HMIYINDVIRGB11 SCHNEIDER-HMIYINDVIRGB11 Datasheet
118Kb / 1P
   Additional DVI interface for Box PC
Aug 10, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com