Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

41696005X-3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 41696005X-3
Description  PC, DVI, VIDEO, HD Component INTERFACE CONTROLLER FOR TFT PANEL
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

41696005X-3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  41696005X-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
3
SYSTEM DESIGN
A typical LCD based display system utilizing this controller is likely to comprise the following:
Summary:
1.
LCD panel
2.
LCD controller card, SVH-1920
3.
LCD signal cable (use for LVDS panel)
4.
LCD signal cable (use for TTL panel)
5.
Inverter for backlight (if not built into LCD)
6.
Inverter cable
7.
Function controls
8.
Function controls cable
9.
Status LED (optional)
10. IR sensor (optional)
11. RS-232 control interface
12. Audio add-on board (optional)
13. Analog RGB input
14. DVI-I input
15. Composite video input
16. S-Video input
17. Component video input
18. Alternate composite and S-Video input
19. HD-Component video input
20. Interface for connection with to HD-SDI adaptor board
21. +12V / +24V DC power input
22. External panel power input
23. Auxiliary video input
24. Auxiliary +5VDC, max 500mA output
25. Ambient light sensor connection
26. Backlight status input
Digital View provides a range of parts, such as listed above, to make up complete display solutions.


Similar Part No. - 41696005X-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41696004X-3 ETC2-41696004X-3 Datasheet
643Kb / 50P
   PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
More results

Similar Description - 41696005X-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41696004X-3 ETC2-41696004X-3 Datasheet
643Kb / 50P
   PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
41696014X-3 ETC2-41696014X-3 Datasheet
636Kb / 50P
   HARSH ENVIRONMENT PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
4169900304X-3 ETC2-4169900304X-3 Datasheet
521Kb / 39P
   PC, DVI & VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41725001X-3 ETC2-41725001X-3 Datasheet
1Mb / 70P
   PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41721003X-3 ETC2-41721003X-3 Datasheet
1Mb / 67P
   PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41713002X-3 ETC2-41713002X-3 Datasheet
137Kb / 18P
   DVI-D INTERFACE CONTROLLER FOR 2560x1600 resolution TFT PANEL
logo
Digital View Ltd
ALR-1920 DIGITALVIEW-ALR-1920 Datasheet
1Mb / 36P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
41728001X-3 ETC2-41728001X-3 Datasheet
637Kb / 36P
   PC, HDMI, DISPLAY PORT, SDI INTERFACE CONTROLLER FOR TFT PANEL
logo
Schneider Electric
HMIYINDVIRGB11 SCHNEIDER-HMIYINDVIRGB11 Datasheet
118Kb / 1P
   Additional DVI interface for Box PC
Aug 10, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com