Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-847-36GE Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-847-36GE
Description  Multi-Channel Full-Pitch Phototransistor Optocoupler
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-847-36GE Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-847-36GE Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-36GE Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-36GE Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-36GE Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-36GE Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-36GE Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-36GE Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-36GE Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-847-36GE Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
F
F
CE
Ta=75 C
50 C
25 C
0 C
-25 C
V =5V
Ta=25 C
CE
Ta=25 C
I =30mA
Pc(MAX.)
5mA
F
10mA
20mA
Collector-emitter voltage V (V)
Forward voltage V (V)
Forward current I (mA)
F
Ta=25 C
Forward current I (mA)
o
O
o
o
o
o
o
o
0
1
0
0
15
1
2
3
4
5
6
0.5
1.0
1.52.0
2.53.0
2
5
10
20
50
100
200
500
0
1
0
0
25
10
20
50
20
40
60
80
100
120
140
160
180
200
12 3456 78 9
10
20
30
10
5
5
15
25
Figure 3. Collector-emitter Saturation Voltage vs. Forward Current
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Current Transfer Ratio vs. Forward Current
Figure 6. Collector Current vs. Collector-emitter Voltage.
0
-30
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
o
o
0255075
100 125
0
-30
125
25
50
75
100
10
20
30
40
50
60
0
50
100
150
200
Figure 1. Forward Current vs. Ambient Temperature.
Figure 2 Collector Power Dissipation vs. Ambient Temperature


Similar Part No. - ACPL-847-36GE

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-847-360E AVAGO-ACPL-847-360E Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
More results

Similar Description - ACPL-847-36GE

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-8X7 BOARDCOM-ACPL-8X7 Datasheet
800Kb / 12P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-847-00GE AVAGO-ACPL-847-00GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-844-000E AVAGO-ACPL-844-000E Datasheet
308Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-8X4 AVAGO-ACPL-8X4 Datasheet
308Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-847-30GE AVAGO-ACPL-847-30GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-827 AVAGO-ACPL-827 Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
logo
Siemens Semiconductor G...
ILD621 SIEMENS-ILD621 Datasheet
78Kb / 4P
   MULTI-CHANNEL PHOTOTRANSISTOR OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50BE AVAGO-ACPL-227-50BE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com