Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-790B Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-790B
Description  Precision Isolation Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-790B Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-790B Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Definitions
Gain
Gain is defined as the slope of the best-fit line of differ-
ential output voltage (VOUT+ – VOUT–) vs. differential input
voltage (VIN+ – VIN–) over the nominal input range, with
offset error adjusted out.
Nonlinearity
Nonlinearity is defined as half of the peak-to-peak output
deviation from the best-fit gain line, expressed as a per-
centage of the full-scale differential output voltage.
Input DC Common Mode Rejection Ratio, CMRRIN
CMRRIN is defined as the ratio of the differential signal
gain (signal applied differentially between pins VOUT+ and
VOUT–) to the input side common-mode gain (input pins
tied together and the signal applied to both inputs with
respect to pin GND1), expressed in dB.
Common Mode Transient Immunity, CMTI, also known as
Common Mode Rejection
CMTI is tested by applying an exponentially rising/falling
voltage step on pin 4 (GND1) with respect to pin 5 (GND2).
The rise time of the test waveform is set to approximately
50 ns. The amplitude of the step is adjusted until the dif-
ferential output (VOUT+ – VOUT–) exhibits more than a 200
mV deviation from the average output voltage for more
than 1
Ps. The ACPL-790B/790A/7900 will continue to
function if more than 10 kV/
Ps common mode slopes are
applied, as long as the breakdown voltage limitations are
observed.
Power Supply Rejection, PSR
PSR is the ratio of differential amplitude of the ripple
outputs over power supply ripple voltage, referred to the
input, expressed in dB.
Application Information
Application Circuit
The typical application circuit is shown in Figure 21. A
floating power supply (which in many applications could
be the same supply that is used to drive the high-side
power transistor) is regulated to 5 V using a simple three-
terminal voltage regulator (U1). The voltage from the
current sensing resistor, or shunt (RSENSE), is applied to
the input of the ACPL-790B/790A/7900 through an RC
anti-aliasing filter (R5 and C3). And finally, the differential
output of the isolation amplifier is converted to a ground-
referenced single-ended output voltage with a simple dif-
ferential amplifier circuit (U3 and associated components).
Although the application circuit is relatively simple, a few
recommendations should be followed to ensure optimal
performance.
0.1
PF
VDD2 (+5 V)
VDD1
VOUT
8
7
6
1
3
U2
5
2
4
R1
2.00 K
+15 V
C8
0.1
PF
0.1
PF
-15 V
+
TL032A
R3
10.0 K
ACPL-790B/
ACPL-790A/
ACPL-7900
C4
R4
10.0 K
C6
68 pF
U3
U1
78L05
IN
OUT
C1
C2
47 nF
R5
10
GATE DRIVE
CIRCUIT
POSITIVE
FLOATING
SUPPLY
HV+
* * *
HV-
+
RSENSE
MOTOR
C5
68 pF
0.1
PF
0.1
PF
C3
C7
R2
2.00 K
* * *
* * *
GND1
GND2
GND2
GND2
GND2
Figure 21. Typical application circuit for motor phase current sensing.


Similar Part No. - ACPL-790B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790B AVAGO-ACPL-790B Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-790B-300E AVAGO-ACPL-790B-300E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
More results

Similar Description - ACPL-790B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-790B-300E AVAGO-ACPL-790B-300E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
logo
PHOENIX CONTACT
2864105 PHOENIX-2864105 Datasheet
441Kb / 10P
   NAMUR isolation amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com