Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQB1H472MF Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQB1H472MF
Description  Polyester Film Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQB1H472MF Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQB1H472MF Datasheet HTML 1Page - Panasonic Semiconductor ECQB1H472MF Datasheet HTML 2Page - Panasonic Semiconductor ECQB1H472MF Datasheet HTML 3Page - Panasonic Semiconductor ECQB1H472MF Datasheet HTML 4Page - Panasonic Semiconductor ECQB1H472MF Datasheet HTML 5Page - Panasonic Semiconductor ECQB1H472MF Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IPackaging Specifications for Bulk Package
IPacking quantity : 100 pcs./bag
ITaping Specifications for Automatic Insertion
GTaping style
GPackaging Specifications
❈ See the column
“Rating, Dimensions
& Quantity Box” for
packing quantity.
Style
AD
AS
C
D
E
Lead Spacing
5.0 mm
5.0 mm
5.0 mm
7.5 mm
7.5 mm
GLead Spacing
Ammo
Ammo
Reel
Reel
Ammo
Reel
Ammo
Ammo
Reel
Reel
Ammo
Ammo
Ammo
Ammo
Ammo
200 VDC
0.00010 to 0.22
0.00010 to 0.10
0.00010 to 0.22
0.00010 to 0.10
0.00010 to 0.033
0.00010 to 0.033
0.00010 to 0.12
0.00010 to 0.047
0.00010 to 0.10
0.00010 to 0.047
0.15 to 0.47
0.0010 to 0.033
0.0033 to 0.056
0.068 to 0.47
0.039 to 0.22
Rated
volt.
Type
ECQB (F)
63 VDC
100 VDC
Cap.range
(µF)
Taping Style
Packing
50 VDC
AD
O
O
O
O
O
O
O
AS
O
O
O
O
O
O
BC
O
O
D
O
E
O
Refer to the page of taping specifications.
....
Mar. 2006


Similar Part No. - ECQB1H472MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQB1H472MF PANASONIC-ECQB1H472MF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQB1H472MF PANASONIC-ECQB1H472MF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQB1H472MF PANASONIC-ECQB1H472MF Datasheet
133Kb / 6P
   Polyester Film Capacitor
More results

Similar Description - ECQB1H472MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-B1H102JF3 PANASONIC-ECQ-B1H102JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF PANASONIC-ECQ-B1H103JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H104JF PANASONIC-ECQ-B1H104JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF3 PANASONIC-ECQ-B1H103JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H474JF PANASONIC-ECQ-B1H474JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-M2222KZ PANASONIC-ECQ-M2222KZ Datasheet
61Kb / 4P
   Polyester Film Capacitor
ECQ-M2102KZ PANASONIC-ECQ-M2102KZ Datasheet
61Kb / 4P
   Polyester Film Capacitor
logo
Suntan Capacitors
TS02 SUNTAN-TS02 Datasheet
225Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR
logo
Vishay Siliconix
MKT1826 VISHAY-MKT1826 Datasheet
89Kb / 3P
   Metallized Polyester Film Capacitor
Revision 11-Jun-02
logo
Panasonic Semiconductor
ECQ-E2105KB PANASONIC-ECQ-E2105KB Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com