Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM400LSS17-A000 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # DIM400LSS17-A000
Description  Single Switch IGBT Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM400LSS17-A000 Datasheet(HTML) 7 Page - Dynex Semiconductor

Back Button DIM400LSS17-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM400LSS17-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM400LSS17-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM400LSS17-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM400LSS17-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM400LSS17-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM400LSS17-A000 Datasheet HTML 8Page - Dynex Semiconductor DIM400LSS17-A000 Datasheet HTML 9Page - Dynex Semiconductor DIM400LSS17-A000 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DIM400LSS17-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
7/10
www.dynexsemi.com
Fig. 7 Diode typical forward characteristics
Fig. 8 Reverse bias safe operating area
Fig. 9 Diode reverse bias safe operating area
0
100
200
300
400
500
600
700
800
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Foward voltage, VF - (V)
Tj = 125˚C
Tj = 25˚C
VF is measured at power busbars
and not the auxiliary terminals
0
100
200
300
400
500
600
700
800
900
0
200
400
600
800 1000 1200 1400 1600 1800
Collector emitter voltage, Vce - (V)
Conditions:
Tcase = 125˚C,
Vge = 15V,
Rg(off) = 4.7ohms
Module
Chip
0
50
100
150
200
250
300
350
400
0
400
800
1200
1600
2000
Reverse voltage, VR - (V)
Tj = 125˚C
Fig. 10 Forward bias safe operating area
0.1
1
10
100
1000
1
10
100
1000
1000
Collector-emitter voltage, Vce - (V)
IC(max) DC
tp = 1 ms
tp = 100µs
Tvj = 125˚C, Tcase = 68˚C
tp = 50µs


Similar Part No. - DIM400LSS17-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000 Datasheet
179Kb / 11P
   IGBT Chopper Module
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_15 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000 Datasheet
617Kb / 8P
   Dual Switch IGBT Module
More results

Similar Description - DIM400LSS17-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1800ESM12-A000 DYNEX-DIM1800ESM12-A000 Datasheet
331Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS000 DYNEX-DIM800XSM45-TS000 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000_15 Datasheet
373Kb / 8P
   Single Switch IGBT Module
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000_12 Datasheet
365Kb / 8P
   Single Switch IGBT Module
DIM1200FSS12-A000 DYNEX-DIM1200FSS12-A000 Datasheet
350Kb / 8P
   Single Switch IGBT Module
DIM1800ESS12-A000 DYNEX-DIM1800ESS12-A000 Datasheet
368Kb / 8P
   Single Switch IGBT Module
GP1200FSS18 DYNEX-GP1200FSS18 Datasheet
132Kb / 10P
   Single Switch IGBT Module
DIM800XSM33-F000 DYNEX-DIM800XSM33-F000 Datasheet
288Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000 Datasheet
180Kb / 10P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001_15 Datasheet
403Kb / 8P
   Single Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com