Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQB1H124MF Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQB1H124MF
Description  Plastic Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQB1H124MF Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQB1H124MF Datasheet HTML 1Page - Panasonic Semiconductor ECQB1H124MF Datasheet HTML 2Page - Panasonic Semiconductor ECQB1H124MF Datasheet HTML 3Page - Panasonic Semiconductor ECQB1H124MF Datasheet HTML 4Page - Panasonic Semiconductor ECQB1H124MF Datasheet HTML 5Page - Panasonic Semiconductor ECQB1H124MF Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IPackaging Specifications for Bulk Package
IPacking quantity : 100 pcs./bag
ITaping Specifications for Automatic Insertion
GTaping style
GPackaging Specifications
❈ See the column
“Rating, Dimensions
& Quantity Box” for
packing quantity.
Style
AD
AS
C
D
E
Lead Spacing
5.0 mm
5.0 mm
5.0 mm
7.5 mm
7.5 mm
GLead Spacing
Ammo
Ammo
Reel
Reel
Ammo
Reel
Ammo
Ammo
Reel
Reel
Ammo
Ammo
Ammo
Ammo
Ammo
200 VDC
0.00010 to 0.22
0.00010 to 0.10
0.00010 to 0.22
0.00010 to 0.10
0.00010 to 0.033
0.00010 to 0.033
0.00010 to 0.12
0.00010 to 0.047
0.00010 to 0.10
0.00010 to 0.047
0.15 to 0.47
0.0010 to 0.033
0.0033 to 0.056
0.068 to 0.47
0.039 to 0.22
Rated
volt.
Type
ECQB (F)
63 VDC
100 VDC
Cap.range
(µF)
Taping Style
Packing
50 VDC
AD
O
O
O
O
O
O
O
AS
O
O
O
O
O
O
BC
O
O
D
O
E
O
Refer to the page of taping specifications.
....
Mar. 2006


Similar Part No. - ECQB1H124MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQB1H124MF PANASONIC-ECQB1H124MF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQB1H124MF PANASONIC-ECQB1H124MF Datasheet
133Kb / 6P
   Polyester Film Capacitor
More results

Similar Description - ECQB1H124MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com