Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQP1H241JZ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQP1H241JZ
Description  Polypropylene Film Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQP1H241JZ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQP1H241JZ Datasheet HTML 1Page - Panasonic Semiconductor ECQP1H241JZ Datasheet HTML 2Page - Panasonic Semiconductor ECQP1H241JZ Datasheet HTML 3Page - Panasonic Semiconductor ECQP1H241JZ Datasheet HTML 4Page - Panasonic Semiconductor ECQP1H241JZ Datasheet HTML 5Page - Panasonic Semiconductor ECQP1H241JZ Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Style
AD
C
E
Lead Spacing
5.0mm
5.0mm
7.5mm
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.seseAsk factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
sDimensions in mm(not to scale)
Marking
T max.
d
±0.05
Copper-clad
steel wire
Style N
Style T
S
±0.8
Marking
S
±0.8
Lmax.
Lmax.
qPackaging Specifications
sTaping Specifications for Automatic Insertion
qTaping style
sPackaging Specifications for Bulk Package
sPacking quantity:100pcs./bag
Cap. Tol. ± 1%(F)is not available for taping
See page 22 for Taping dimensions
!
....
!
....
qLead Spacing
See the column
“Rating, Dimensions
& Quantity Box” for
packing quantity.
!
....
Style AD
P
F
P0
F
Style C
P
P0
F
Style E
P
P0
50VDC
ECQP
Cap. range
(µF)
Taping style
Packing
100VDC
AD
AS
BC
D
E
Rated volt.
Type
0.0001 to 0.033
K
Ammo
0.036 to 0.13
K
Ammo
0.15 to 0.33
K
Ammo
0.0001 to 0.018
K
Ammo
0.02 to 0.16
K
Ammo
0.22
K
Ammo


Similar Part No. - ECQP1H241JZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP1H241JZ PANASONIC-ECQP1H241JZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
logo
Panasonic Battery Group
ECQP1H241JZAD PANASONICBATTERY-ECQP1H241JZAD Datasheet
102Kb / 6P
   Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
ECQP1H241JZC PANASONICBATTERY-ECQP1H241JZC Datasheet
102Kb / 6P
   Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
ECQP1H241JZE PANASONICBATTERY-ECQP1H241JZE Datasheet
102Kb / 6P
   Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
ECQP1H241JZW PANASONICBATTERY-ECQP1H241JZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
More results

Similar Description - ECQP1H241JZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-P6472JU PANASONIC-ECQ-P6472JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
ECQ-P6104JU PANASONIC-ECQ-P6104JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
logo
Vishay Siliconix
KP1830 VISHAY-KP1830 Datasheet
38Kb / 2P
   Polypropylene Film Capacitor
Revision 01-Dec-03
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK_15 Datasheet
180Kb / 1P
   Polypropylene Film Capacitor
logo
Panasonic Semiconductor
ECQ-P1H104FZW PANASONIC-ECQ-P1H104FZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com