Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM800NSM33-A000 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DIM800NSM33-A000
Description  Single Switch IGBT Module Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM800NSM33-A000 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DIM800NSM33-A000 Datasheet HTML 1Page - Dynex Semiconductor DIM800NSM33-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM800NSM33-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM800NSM33-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM800NSM33-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM800NSM33-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM800NSM33-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM800NSM33-A000 Datasheet HTML 8Page - Dynex Semiconductor DIM800NSM33-A000 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DIM800NSM33-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/10
www.dynexsemi.com
FEATURES
s
10
µs Short Circuit Withstand
s
High Thermal Cycling Capability
s
Non Punch Through Silicon
s
Isolated MMC Base with AlN Substrates
APPLICATIONS
s
High Reliability Inverters
s
Motor Controllers
s
Traction Drives
s
Choppers
The Powerline range of high power modules includes half
bridge, chopper, dual and single switch configurations covering
voltages from 600V to 3300V and currents up to 2400A.
The DIM800NSM33-A000 is a single switch 3300V, n
channel enhancement mode, insulated gate bipolar transistor
(IGBT) module.
The IGBT has a wide reverse bias safe
operating area (RBSOA) plus full 10
µs short circuit withstand.
This device is optimised for traction drives and other applications
requiring high thermal cycling capability.
The module incorporates an electrically isolated base plate
and low inductance construction enabling circuit designers to
optimise circuit layouts and utilise grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DIM800NSM33-A000
Note: When ordering, please use the whole part number.
KEY PARAMETERS
V
CES
3300V
V
CE(sat)
(typ)
3.2V
I
C
(max)
800A
I
C(PK)
(max)
1600A
DIM800NSM33-A000
Single Switch IGBT Module
Preliminary Information
Replaces August 2001, version DS5486-1.4
DS5486-2.0 October 2001
Fig. 1 Single switch circuit diagram
Fig. 2 Electrical connections - (not to scale)
Outline type code: N
(See package details for further information)
C1
E1
C2
E2
G
E2
C1
E2 - Aux Emitter
C1 - Aux Collector
C2
C1
Aux C
G
Aux E
E1
E2
External connection
External connection


Similar Part No. - DIM800NSM33-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000 Datasheet
281Kb / 8P
   Single Switch IGBT Module
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000 Datasheet
365Kb / 8P
   Single Switch IGBT Module
logo
Power Integrations, Inc...
DIM800NSM33-F000 POWERINT-DIM800NSM33-F000 Datasheet
190Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-28
logo
Dynex Semiconductor
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000_12 Datasheet
365Kb / 8P
   Single Switch IGBT Module
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000_15 Datasheet
365Kb / 8P
   Single Switch IGBT Module
More results

Similar Description - DIM800NSM33-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1200ESM33-A000 DYNEX-DIM1200ESM33-A000 Datasheet
194Kb / 10P
   Single Switch IGBT Module Preliminary Information
DIM800FSM17-A000 DYNEX-DIM800FSM17-A000 Datasheet
144Kb / 10P
   Single Switch IGBT Module Preliminary Information
GP800NSS33 DYNEX-GP800NSS33 Datasheet
93Kb / 9P
   Single Switch IGBT Module Preliminary Information
GP800NSM33 DYNEX-GP800NSM33 Datasheet
93Kb / 9P
   Hi-Reliability Single Switch IGBT Module Preliminary Information
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
   Dual Switch IGBT Module Preliminary Information
DIM800DDM12 DYNEX-DIM800DDM12 Datasheet
171Kb / 10P
   Dual Switch IGBT Module Preliminary Information
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
   Dual Switch IGBT Module Preliminary Information
GP2400ESM12 DYNEX-GP2400ESM12 Datasheet
169Kb / 12P
   Powerline N-Channel Single Switch IGBT Module Preliminary Information
GP800FSS12 DYNEX-GP800FSS12 Datasheet
89Kb / 11P
   Powerline N-Channel Single Switch IGBT Module Preliminary Information
GP200MKS12 DYNEX-GP200MKS12 Datasheet
126Kb / 10P
   IGBT Chopper Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com