Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DK2420FCM Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DK2420FCM
Description  Fast Switching Thyristor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DK2420FCM Datasheet(HTML) 1 Page - Dynex Semiconductor

  DK2420FCM Datasheet HTML 1Page - Dynex Semiconductor DK2420FCM Datasheet HTML 2Page - Dynex Semiconductor DK2420FCM Datasheet HTML 3Page - Dynex Semiconductor DK2420FCM Datasheet HTML 4Page - Dynex Semiconductor DK2420FCM Datasheet HTML 5Page - Dynex Semiconductor DK2420FCM Datasheet HTML 6Page - Dynex Semiconductor DK2420FCM Datasheet HTML 7Page - Dynex Semiconductor DK2420FCM Datasheet HTML 8Page - Dynex Semiconductor DK2420FCM Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
www.dynexsemi.com
DK24..FC
FEATURES
s Low Switching Losses At High Frequency
s Fully Characterised For Operation Up To 20kHz
APPLICATIONS
s High Power Inverters And Choppers
s UPS
s AC Motor Drives
s Induction Heating
s Cycloconverters
VOLTAGE RATINGS
ORDERING INFORMATION
When ordering, select the required part number shown in the
Voltage Ratings selection table, then:-
Add K to type number for 3/4" 16 UNF thread, e.g. DK24 16FCK
or
Add M to type number for M16 thread, e.g. DK24 14FCM.
Note: Please use the complete part number when ordering
and quote this number in any future correspondance relating
to your order.
KEY PARAMETERS
V
DRM
2000V
I
T(RMS)
260A
I
TSM
4000A
dVdt
200V/
µs
dI/dt
500A/
µs
t
q
50
µs
DK24..FC
Fast Switching Thyristor
Replaces January 2000 version, DS4268-3.0
DS4268-4.0 July 2001
DK24 20FC K or M
DK24 18FC K or M
DK24 16FC K or M
DK24 14FC K or M
Conditions
V
RSM = VRRM + 100V
I
DRM = IRRM = 25mA
at V
RRM or VDRM & Tvj
Type Number
Repetitive Peak
Voltages
V
DRM VRRM
V
2000
1800
1600
1400
Outline type code: TO93
See Package Details for further information.
Fig. 1 Package outline


Similar Part No. - DK2420FCM

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DK24GY HAMMOND-DK24GY Datasheet
87Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
DK24LG HAMMOND-DK24LG Datasheet
87Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
DK24S16 HAMMOND-DK24S16 Datasheet
89Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - DK2420FCM

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
TF219 DYNEX-TF219 Datasheet
252Kb / 13P
   Fast Switching Thyristor
TF708 DYNEX-TF708 Datasheet
250Kb / 13P
   Fast Switching Thyristor
TF440 DYNEX-TF440 Datasheet
249Kb / 13P
   Fast Switching Thyristor
logo
Power Semiconductors
ATF1040 POSEICO-ATF1040 Datasheet
81Kb / 3P
   FAST SWITCHING THYRISTOR
ATF401 POSEICO-ATF401 Datasheet
81Kb / 3P
   FAST SWITCHING THYRISTOR
ATF416 POSEICO-ATF416 Datasheet
81Kb / 3P
   FAST SWITCHING THYRISTOR
ATF413 POSEICO-ATF413 Datasheet
68Kb / 2P
   FAST SWITCHING THYRISTOR
ATF515 POSEICO-ATF515 Datasheet
122Kb / 6P
   FAST SWITCHING THYRISTOR
logo
Dynex Semiconductor
TF915 DYNEX-TF915 Datasheet
236Kb / 13P
   Fast Switching Thyristor
logo
Power Semiconductors
ATF857 POSEICO-ATF857 Datasheet
87Kb / 3P
   FAST SWITCHING THYRISTOR
ATF615 POSEICO-ATF615 Datasheet
84Kb / 3P
   FAST SWITCHING THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com