Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ58A Datasheet(PDF) 2 Page - Littelfuse

Part # SMBJ58A
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMBJ58A Datasheet(HTML) 2 Page - Littelfuse

  SMBJ58A Datasheet HTML 1Page - Littelfuse SMBJ58A Datasheet HTML 2Page - Littelfuse SMBJ58A Datasheet HTML 3Page - Littelfuse SMBJ58A Datasheet HTML 4Page - Littelfuse SMBJ58A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
24
Transient Voltage Suppression Diodes
Revision: January 09, 2009
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount – 600W > SMBJ series
SMBJ Series
Please refer to http://www.Littelfuse.com/series/SMBJ.html for current information.
Electrical Characteristics
For bidirectional type having V
R of 10 volts and less, the IR limit is double.
For parts without A , the V
BR is ± 10% and Vc is 5% higher than with A parts.
Part
Number
(Uni)
Part
Number
(Bi)
Marking
Reverse
Stand off
Voltage V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage V
C
@ I
pp
(V)
Maximum
Peak
Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage I
R
@ V
R
(μA)
Agency
Approval
UNI
BI
MIN
MAX
SMBJ5.0A
SMBJ5.0CA
KE
AE
5.0
6.40
7.00
10
9.2
65.3
800
X
SMBJ6.0A
SMBJ6.0CA
KG
AG
6.0
6.67
7.37
10
10.3
58.3
800
X
SMBJ6.5A
SMBJ6.5CA
KK
AK
6.5
7.22
7.98
10
11.2
53.6
500
X
SMBJ7.0A
SMBJ7.0CA
KM
AM
7.0
7.78
8.60
10
12.0
50.0
200
X
SMBJ7.5A
SMBJ7.5CA
KP
AP
7.5
8.33
9.21
1
12.9
46.6
100
X
SMBJ8.0A
SMBJ8.0CA
KR
AR
8.0
8.89
9.83
1
13.6
44.2
50
X
SMBJ8.5A
SMBJ8.5CA
KT
AT
8.5
9.44
10.40
1
14.4
41.7
20
X
SMBJ9.0A
SMBJ9.0CA
KV
AV
9.0
10.00
11.10
1
15.4
39.0
10
X
SMBJ10A
SMBJ10CA
KX
AX
10.0
11.10
12.30
1
17.0
35.3
5
X
SMBJ11A
SMBJ11CA
KZ
AZ
11.0
12.20
13.50
1
18.2
33.0
1
X
SMBJ12A
SMBJ12CA
LE
BE
12.0
13.30
14.70
1
19.9
30.2
1
X
SMBJ13A
SMBJ13CA
LG
BG
13.0
14.40
15.90
1
21.5
28.0
1
X
SMBJ14A
SMBJ14CA
LK
BK
14.0
15.60
17.20
1
23.2
25.9
1
X
SMBJ15A
SMBJ15CA
LM
BM
15.0
16.70
18.50
1
24.4
24.6
1
X
SMBJ16A
SMBJ16CA
LP
BP
16.0
17.80
19.70
1
26.0
23.1
1
X
SMBJ17A
SMBJ17CA
LR
BR
17.0
18.90
20.90
1
27.6
21.8
1
X
SMBJ18A
SMBJ18CA
LT
BT
18.0
20.00
22.10
1
29.2
20.6
1
X
SMBJ20A
SMBJ20CA
LV
BV
20.0
22.20
24.50
1
32.4
18.6
1
X
SMBJ22A
SMBJ22CA
LX
BX
22.0
24.40
26.90
1
35.5
16.9
1
X
SMBJ24A
SMBJ24CA
LZ
BZ
24.0
26.70
29.50
1
38.9
15.5
1
X
SMBJ26A
SMBJ26CA
ME
CE
26.0
28.90
31.90
1
42.1
14.3
1
X
SMBJ28A
SMBJ28CA
MG
CG
28.0
31.10
34.40
1
45.4
13.3
1
X
SMBJ30A
SMBJ30CA
MK
CK
30.0
33.30
36.80
1
48.4
12.4
1
X
SMBJ33A
SMBJ33CA
MM
CM
33.0
36.70
40.60
1
53.3
11.3
1
X
SMBJ36A
SMBJ36CA
MP
CP
36.0
40.00
44.20
1
58.1
10.4
1
X
SMBJ40A
SMBJ40CA
MR
CR
40.0
44.40
49.10
1
64.5
9.3
1
X
SMBJ43A
SMBJ43CA
MT
CT
43.0
47.80
52.80
1
69.4
8.7
1
X
SMBJ45A
SMBJ45CA
MV
CV
45.0
50.00
55.30
1
72.7
8.3
1
X
SMBJ48A
SMBJ48CA
MX
CX
48.0
53.30
58.90
1
77.4
7.8
1
X
SMBJ51A
SMBJ51CA
MZ
CZ
51.0
56.70
62.70
1
82.4
7.3
1
X
SMBJ54A
SMBJ54CA
NE
DE
54.0
60.00
66.30
1
87.1
6.9
1
X
SMBJ58A
SMBJ58CA
NG
DG
58.0
64.40
71.20
1
93.6
6.5
1
X
SMBJ60A
SMBJ60CA
NK
DK
60.0
66.70
73.70
1
96.8
6.2
1
X
SMBJ64A
SMBJ64CA
NM
DM
64.0
71.10
78.60
1
103.0
5.9
1
X
SMBJ70A
SMBJ70CA
NP
DP
70.0
77.80
86.00
1
113.0
5.3
1
X
SMBJ75A
SMBJ75CA
NR
DR
75.0
83.30
92.10
1
121.0
5.0
1
X
SMBJ78A
SMBJ78CA
NT
DT
78.0
86.70
95.80
1
126.0
4.8
1
X
SMBJ85A
SMBJ85CA
NV
DV
85.0
94.40
104.00
1
137.0
4.4
1
X
SMBJ90A
SMBJ90CA
NX
DX
90.0
100.00
111.00
1
146.0
4.1
1
X
SMBJ100A
SMBJ100CA
NZ
DZ
100.0
111.00
123.00
1
162.0
3.7
1
X
SMBJ110A
SMBJ110CA
PE
EE
110.0
122.00
135.00
1
177.0
3.4
1
X
SMBJ120A
SMBJ120CA
PG
EG
120.0
133.00
147.00
1
193.0
3.1
1
X
SMBJ130A
SMBJ130CA
PK
EK
130.0
144.00
159.00
1
209.0
2.9
1
X
SMBJ150A
SMBJ150CA
PM
EM
150.0
167.00
185.00
1
243.0
2.5
1
X
SMBJ160A
SMBJ160CA
PP
EP
160.0
178.00
197.00
1
259.0
2.3
1
X
SMBJ170A
SMBJ170CA
PR
ER
170.0
189.00
209.00
1
275.0
2.2
1
X
SMBJ180A
SMBJ180CA
PT
ET
180.0
201.00
222.00
1
292.0
2.1
1
SMBJ200A SMBJ200CA
PV
EV
200.0
224.00
247.00
1
324.0
1.9
1
SMBJ220A
SMBJ220CA
PX
EX
220.0
246.00
272.00
1
356.0
1.7
1
SMBJ250A
SMBJ250CA
PZ
EZ
250.0
279.00
309.00
1
405.0
1.5
1
SMBJ300A SMBJ300CA
QE
FE
300.0
335.00
371.00
1
486.0
1.3
1
SMBJ350A
SMBJ350CA
QG
FG
350.0
391.00
432.00
1
567.0
1.1
1
SMBJ400A SMBJ400CA
QK
FK
400.0
447.00
494.00
1
648.0
0.9
1
SMBJ440A
SMBJ440CA
QM
FM
440.0
492.00
543.00
1
713.0
0.9
1


Similar Part No. - SMBJ58A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ58A JGD-SMBJ58A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ58A SOCAY-SMBJ58A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ58A MCC-SMBJ58A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
UN Semiconducctor INC
SMBJ58A UNSEMI-SMBJ58A Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Suntan Capacitors
SMBJ58A SUNTAN-SMBJ58A Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ58A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com