Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

426490800-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 426490800-3
Description  LVDS PANEL CABLE: LTA460H2-L02, 460mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

426490800-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  426490800-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 426490800-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Date:
August 29, 2006 Sheet
1
of
1
Size Document Number
REV
B
(:...\DV\DV_CABLE\C6490800.SCH)
02
Title
P.CABLE: SAMSUNG LTA460H2-L02, 460mm
DRAWN BY: VICTOR NG
CONFIDENTIAL
COPYRIGHT 2005, ALL RIGHTS RESERVED
DIGITAL VIEW LTD.
TOLERANCE:
+10mm
-10mm
TXA0-
TXA1-
TXA2-
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
CN2
DF13-40DS-1.25C
TXA0+
TXA1+
TXA2+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
HS1
5VLCD1
5VLCD2
5VLCD3
5VLCD4
GND1
GND2
GND3
5VLCD5
30
TXA3+
TXB0+
TXB1+
TXB2+
TXB3+
CLKB+
TXB0-
TXB1-
TXB2-
TXB3-
CLKB-
GND4
GND5
GND1
GND2
GND4
TXA3+
CLKA+
TXB0+
TXB1+
TXB2+
TXB3+
CLKB+
5VLCD1
GND3
GND5
TXA3-
CLKA-
TXB0-
TXB1-
TXB2-
TXB3-
CLKB-
5VLCD2
5VLCD4
5VLCD5
5VLCD3
PANEL SIDE
JAE
FI-E30HL
TXA0+
TXA1+
TXA2+
CLKA+
TXA0-
TXA1-
TXA2-
TXA3-
CLKA-
1
DF-40DS-1.25C
2
VIEW FROM ’A’
HS1 PIN ASSIGNMENT
1
3
5
7
37
HIROSE
CN2
HEAT SHRINKABLE TUBE
30mm
CABLE TIE WITH
"P/N 426490800-3" TAG
HEAT SHRINKABLE TUBE
30mm
30
JAE
FI-E30HL
HS1
30mm
MAX.
1
LENGTH = 460mm +/- 10mm
CABLE: SHIELDED ROUND
JACKET: PVC COLOR BLACK
UL 20276, 15 PAIRS, 30AWG, L=460mm
30mm
MAX.
39
VIEW ’A’
40
USAGE:
(WITH SVH-1920)
CABLE FOR SAMSUNG LTA460H2-L02
LVDS PANEL CABLE:
P/N 426490800-3
LTA460H2-L02, 460mm
RoHS
COMPLIANCE


Similar Part No. - 426490800-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
426490400-3 ETC2-426490400-3 Datasheet
16Kb / 2P
   LVDS PANEL CABLE: LQ315T3LZ24, 460mm
426490500-3 ETC2-426490500-3 Datasheet
15Kb / 2P
   LVDS PANEL CABLE: LG LC420W02-A4, 460mm
More results

Similar Description - 426490800-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
426491700-3 ETC2-426491700-3 Datasheet
16Kb / 2P
   LVDS CABLE: SAMSUNG LTM190E4-L02, 460mm
426492500-3 ETC2-426492500-3 Datasheet
18Kb / 2P
   LVDS PANEL CABLE 460mm
426490400-3 ETC2-426490400-3 Datasheet
16Kb / 2P
   LVDS PANEL CABLE: LQ315T3LZ24, 460mm
426491000-3 ETC2-426491000-3 Datasheet
16Kb / 2P
   LVDS PANEL CABLE: AU T460HW01, 460mm
426493400-3 ETC2-426493400-3 Datasheet
18Kb / 2P
   LVDS PANEL CABLE: SAMSUNG LTM213U6-L01, 460mm
426490500-3 ETC2-426490500-3 Datasheet
15Kb / 2P
   LVDS PANEL CABLE: LG LC420W02-A4, 460mm
426493000-3 ETC2-426493000-3 Datasheet
15Kb / 2P
   LVDS PANEL CABLE: NEC NL10276BC16-01, 460mm
426493800-3 ETC2-426493800-3 Datasheet
17Kb / 2P
   LVDS PANEL CABLE: NEC NL10276BC20-04, 460mm
426061400-3 ETC2-426061400-3 Datasheet
15Kb / 2P
   800mm SAMSUNG LTA460H2-L02 BUILD-IN
426493500-3 ETC2-426493500-3 Datasheet
19Kb / 2P
   LVDS PANEL CABLE: CHI MEI V270B1-L01, 460mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com