Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFL-011024 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAFL-011024
Description  Broadband CATV Diplexer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFL-011024 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAFL-011024 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFL-011024 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFL-011024 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAFL-011024 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAFL-011024 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Broadband CATV Diplexer
5 - 85 / 108 - 1002 MHz
Rev.V1
MAFL-011024
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Filter Dimensions
Dimensions are millimeters.
Tolerance: ± 0.2mm


Similar Part No. - MAFL-011024

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-011023 MA-COM-MAFL-011023 Datasheet
1Mb / 9P
   MoCA Triplex Filter
MAFL-011023-Tray MA-COM-MAFL-011023-Tray Datasheet
1Mb / 9P
   MoCA Triplex Filter
MAFL-011023-V1 MA-COM-MAFL-011023-V1 Datasheet
710Kb / 5P
   MoCA Triplex Filter
MAFL-011023 MA-COM-MAFL-011023_15 Datasheet
710Kb / 5P
   MoCA Triplex Filter
MAFL-011025 MA-COM-MAFL-011025 Datasheet
729Kb / 5P
   Broadband CATV Diplexer
More results

Similar Description - MAFL-011024

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-011025 MA-COM-MAFL-011025 Datasheet
729Kb / 5P
   Broadband CATV Diplexer
MAFL-011013 MA-COM-MAFL-011013 Datasheet
468Kb / 5P
   Broadband CATV Diplexer
MAFL-011013 MA-COM-MAFL-011013_15 Datasheet
468Kb / 5P
   Broadband CATV Diplexer
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254 Datasheet
101Kb / 3P
   Broadband CATV Diplexer
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254_15 Datasheet
101Kb / 3P
   Broadband CATV Diplexer
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254 Datasheet
101Kb / 3P
   Broadband CATV Diplexer
logo
Tyco Electronics
MAFLCT0006 MACOM-MAFLCT0006 Datasheet
120Kb / 3P
   Broadband CATV Diplexer 5 - 870 MHz
MAFLES0018 MACOM-MAFLES0018 Datasheet
142Kb / 4P
   Broadband CATV Diplexer 5 - 1000 MHz
MAFLCT0032 MACOM-MAFLCT0032 Datasheet
158Kb / 4P
   Broadband CATV Diplexer 5 - 1000 MHz
MAFLES0118 MACOM-MAFLES0118 Datasheet
118Kb / 3P
   Broadband CATV Diplexer 5 - 870 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com