Electronic Components Datasheet Search |
|
DS-MABA-009836-CF48A0_V1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
DS-MABA-009836-CF48A0_V1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 3 page • North America Tel: 800.366.2266 / Fax: 978.366.2266 • Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 • Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 1 4:1 Flux Coupled Transformer 5 - 200 MHz M/A-COM Products Rev. V1 MABA-009836-CF48A0 ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop- ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Case Style SM-138 Pin Configuration Schematic Dimensions are inches (millimeters) ±0.015 (0.38) unless other- wise specified. Features • Surface Mount • 4:1 Impedance • 260°C Reflow Compatible • RoHS* Compliant, lead free • Available on Tape and Reel. Description M/A-COM’s MABA-009836-CF48A0 is a 4:1 RF flux coupled step up transformer in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications. Pin No. Function 1 Secondary 2 Secondary CT 3 Secondary Dot 4 Primary 5 Primary Dot Ordering Information Part Number Package MABA-009836-CF48A0 2000 piece reel MABA-009836-CF48TB Customer Test Board Note: Reference Application Note M513 for reel size information. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. |
Similar Part No. - DS-MABA-009836-CF48A0_V1 |
|
Similar Description - DS-MABA-009836-CF48A0_V1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |