Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEV106M035A9DAA Datasheet(PDF) 6 Page - Kemet Corporation

Part # EEV106M035A9DAA
Description  Surface Mount Aluminum Electrolytic Capacitors EEV Series, 105쨘C
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EEV106M035A9DAA Datasheet(HTML) 6 Page - Kemet Corporation

Back Button EEV106M035A9DAA Datasheet HTML 2Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 3Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 4Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 5Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 6Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 7Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 8Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 9Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4002_EEV • 2/21/2014
Surface Mount Aluminum Electrolytic Capacitors – EEV Series, +105ºC
Mounting Positions (Safety Vent)
Inoperation,electrolyticcapacitorswillalwaysconductaleakagecurrentwhichcauseselectrolysis.Theoxygenproducedby
electrolysiswillregeneratethedielectriclayerbut,atthesametime,thehydrogenreleasedmaycausetheinternalpressureofthe
capacitortoincrease.Theoverpressurevent(safetyvent)ensuresthatthegascanescapewhenthepressurereachesacertainvalue.
Allmountingpositionsmustallowthesafetyventtoworkproperly.
Installing
• Ageneralprincipleisthatlower-usetemperaturesresultinalonger,usefullifeofthecapacitor.Forthisreason,itshouldbe
ensuredthatelectrolyticcapacitorsareplacedawayfromheat-emittingcomponents.Adequatespaceshouldbeallowedbetween
componentsforcoolingairtocirculate,particularlywhenhighripplecurrentloadsareapplied.Inanycase,themaximumcategory
temperature must not be exceeded.
• Donotdeformthecaseofcapacitorsorusecapacitorswithadeformedcase.
• Verifythecorrectpolarizationofthecapacitorontheboard.
Itisrecommendedthatcapacitorsalwaysbemountedwiththesafetydeviceuppermostorintheupperpartofthecapacitor.
• Ifthecapacitorsarestoredforalongtime,theleakagecurrentmustbeverified.Iftheleakagecurrentissuperiortothevaluelistedin
thiscatalog,thecapacitorsmustbereformed.Inthiscase,theycanbereformedbyapplicationoftheratedvoltagethroughaseries
resistorapproximately1kΩforcapacitorswithV
R≤160V(5Wresistor).
• Inthecaseofcapacitorsconnectedinseries,asuitablevoltagesharingmustbeused.
Inthecaseofbalancingresistors,theapproximateresistancevaluecanbecalculatedas:R=60/C
KEMETrecommends,nevertheless,toensurethatthevoltageacrosseachcapacitordoesnotexceeditsratedvoltage.
Application and Operation Guidelines
Electrical Ratings:
Capacitance (ESC)
Capacitanceismeasuredbyapplyinganalternatevoltageof≤0.5Vatafrequencyof120or100Hzand20°C.
Temperature Dependence of the Capacitance
Capacitanceofanelectrolyticcapacitordependsupontemperature:withdecreasingtemperaturetheviscosityoftheelectrolyte
increases,therebyreducingitsconductivity.
Capacitancewilldecreaseiftemperaturedecreases.Furthermore,temperaturedriftscausearmaturedilatationand,therefore,
capacitancechanges(upto20%dependingontheseriesconsidered,from0to80°C).Thisphenomenonismoreevidentfor
electrolyticcapacitorsthanforothertypes.


Similar Part No. - EEV106M035A9DAA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EEV107M035S9HAA KEMET-EEV107M035S9HAA Datasheet
268Kb / 1P
   EEV, Aluminum Electrolytic, 100 uF, 20%, 35 VDC, -55/105°C
10/20/2022
EEV107M063A9PAA KEMET-EEV107M063A9PAA Datasheet
267Kb / 1P
   EEV, Aluminum Electrolytic, 100 uF, 20%, 63 VDC, -55/105°C
10/20/2022
More results

Similar Description - EEV106M035A9DAA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com