Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC95F302U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EC95F302U
Description  Thermometrics Thermistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC95F302U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EC95F302U Datasheet HTML 1Page - List of Unclassifed Manufacturers EC95F302U Datasheet HTML 2Page - List of Unclassifed Manufacturers EC95F302U Datasheet HTML 3Page - List of Unclassifed Manufacturers EC95F302U Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type DC95 Specifications
NTC Interchangeable Thermistor Chip
Epoxy-coated, NTC interchangeable thermistor chips
with bare tinned-copper lead wires.
Options
Consult Factory for Availability of Options
• Other resistance values in the range of 1000 Ω to
100 kΩ
• Other tolerances or ranges
• Alternative lead wires or lengths
• Non standard R vs T curves
• Controlled dimensions
• Special sensor assemblies or enclosures
Thermal and Electrical Properties
Dissipation Constant
Still air:
1 mW/°C
Stirred oil
:
8 mW/°C
Thermal Time Constant
Still air:
10 seconds
Stirred oil:
1 second
Maximum Power at 77°F (25°C)
75 mW
De-rated from 100% at 77°F (25°C) to 0% at 212°F
(100°C)
Tinned-copper
alloy leads
0.012 in (0.3 mm)
1.5 in (38.1 mm)
Epoxy-coated
thermistor chip
Ø 0.095 in
(2.4 mm)
maximum
NTC Interchangeable Type DC95
Ordering Information
Select appropriate part number below for resistance and
temperature tolerance desired.
R25°C
Material
System
S 32°F to 158°F
(0°C to 70°C)
±0.18°F (±0.1°C)
32°F to 158°F
(0°C to 70°C)
±0.36°F (±0.2°C)
32°F to 212°F
(0 to 100°C)
±0.36°F (±0.2°C)
2000
F
DC95F202V
DC95F202W
DC95F202Z
2252
F
DC95F232V
DC95F232W
DC95F232Z
3000
F
DC95F302V
DC95F302W
DC95F302Z
5000
F
DC95F502V
DC95F502W
DC95F502Z
10000
F
DC95F103V
DC95F103W
DC95F103Z
10000
Y
DC95Y103V
DC95Y103W
DC95Y103Z
30000
H
DC95H303V
DC95H303W
DC95H303Z
50000
G
DC95G503V
DC95G503W
DC95G503Z
100000 Y
DC95Y104V
DC95Y104W
DC95Y104Z
100000 G
DC95G104V
DC95G104W
DC95G104Z


Similar Part No. - EC95F302U

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
EC95F302U AMPHENOL-EC95F302U Datasheet
127Kb / 4P
   Precision, solid state temperature sensor
More results

Similar Description - EC95F302U

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
   Thermometrics Thermistors
YQS5838PTF AMPHENOL-YQS5838PTF Datasheet
194Kb / 2P
   Thermometrics PTC Thermistors
YQS9122 AMPHENOL-YQS9122 Datasheet
109Kb / 2P
   Thermometrics PTC Thermistors
YQS5893PT0 AMPHENOL-YQS5893PT0 Datasheet
194Kb / 2P
   Thermometrics PTC Thermistors
YM120C15N182 AMPHENOL-YM120C15N182 Datasheet
114Kb / 2P
   Thermometrics PTC Thermistors
logo
General Semiconductor
03006-111.3K-123-G100 GE-03006-111.3K-123-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-5818-97-G100 GE-03006-5818-97-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-29.1K-97-G100 GE-03006-29.1K-97-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-11.7K-98-G100 GE-03006-11.7K-98-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-269.8K-138-G100 GE-03006-269.8K-138-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com