Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1740S-Q Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1740S-Q
Description  NPN Plastic-Encapsulated Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1740S-Q Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC1740S-Q Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1740S-Q Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC1740S
0.15A , 60V
NPN Plastic-Encapsulated Transistor
Elektronische Bauelemente
26-Mar-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Cob
CLASSIFICATION OF hFE
Product-Rank
2SC1740S-Q
2SC1740S-R
2SC1740S-S
Range
120~270
180~390
270~560
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
7
V
Collector Current - Continuous
IC
150
mA
Collector Power Dissipation
PC
300
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=50µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
7
-
-
V
IE=50µA, IC=0
Collector Cut–Off Current
ICBO
-
-
0.1
µ
A
VCB=60V, IE=0
Emitter Cut–Off Current
IEBO
-
-
0.1
µ
A
VEB=7V, IC=0
DC Current Gain
hFE
120
-
560
VCE=6V, IC=1mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.4
V
IC=50mA, IB=5mA
Collector Output Capacitance
Cob
-
2
3.5
pF
VCB=12V, IE=0, f=1MHz
Transition Frequency
fT
100
-
-
MHz
VCE=12V, IC= -2mA, f=100MHz
TO-92S
REF.
Millimeter
Min.
Max.
A
3.90
4.10
B
3.05
3.25
C
1.42
1.62
D
15.1
15.5
E
2.97
3.27
F
0.66
0.86
G
2.44
2.64
H
1.27 REF.
J
0.36
0.48
K
0.36
0.51
L
45°


Similar Part No. - 2SC1740S-Q

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC1740S-Q MCC-2SC1740S-Q Datasheet
120Kb / 2P
   NPN Plastic-Encapsulate Transistors
2SC1740S-Q MCC-2SC1740S-Q Datasheet
381Kb / 2P
   NPN Plastic-Encapsulate Transistors
2SC1740S-Q MCC-2SC1740S-Q_13 Datasheet
381Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results

Similar Description - 2SC1740S-Q

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D882S SECOS-D882S Datasheet
214Kb / 2P
   NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
   NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
   NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
   NPN Plastic Encapsulated Transistor
2SD1468S SECOS-2SD1468S Datasheet
52Kb / 1P
   NPN Plastic-Encapsulated Transistor
BD135 SECOS-BD135 Datasheet
85Kb / 2P
   NPN Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com