Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

123-4016-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 123-4016-GR
Description  Safety Battery Snap T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

123-4016-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  123-4016-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers 123-4016-GR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions: mm (in.)
Safety Battery Snap "T"
123-4016-GR
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200745
150±5
(5.91±.197)
5±1
(.197±.04)
RED (+)
BLACK (-)
12.9±.50
(.508±.02)
24.5±.50
(.965±.02)
13
(.512)
1.3
(.051)
8±.50
(.314±.02)
Date Last Revised: 10-3-08
SPECIFICATIONS
Wire:
Terminal:
Material:
AWG#26 Black & Red Strip & Tin
6 prong snap
A.B.S. Resin, Black
RoHS Compliant
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 123-4016-GR

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
123-000-01-52 MARL-123-000-01-52 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-000-04-50 MARL-123-000-04-50 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-000-04-51 MARL-123-000-04-51 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-000-04-52 MARL-123-000-04-52 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-000-04-53 MARL-123-000-04-53 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 123-4016-GR

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BS-4-1 ADAM-TECH-BS-4-1 Datasheet
74Kb / 1P
   BATTERY SNAP
logo
List of Unclassifed Man...
12BC010-GR ETC2-12BC010-GR Datasheet
131Kb / 1P
   Battery Snap
12BC312-GR ETC2-12BC312-GR Datasheet
212Kb / 1P
   Battery Snap
12BC313-GR ETC2-12BC313-GR Datasheet
223Kb / 1P
   Battery Snap
123-5025-GR ETC2-123-5025-GR Datasheet
183Kb / 1P
   Battery Snap
logo
Adam Technologies, Inc.
BS-2-1 ADAM-TECH-BS-2-1 Datasheet
73Kb / 1P
   BATTERY SNAP
BS-3-1 ADAM-TECH-BS-3-1 Datasheet
73Kb / 1P
   BATTERY SNAP
BS-5-1 ADAM-TECH-BS-5-1 Datasheet
74Kb / 1P
   BATTERY SNAP
BS-6-1 ADAM-TECH-BS-6-1 Datasheet
74Kb / 1P
   BATTERY SNAP
BS-1-260-236 ADAM-TECH-BS-1-260-236 Datasheet
62Kb / 1P
   BATTERY SNAP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com