Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B772C-Y Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # B772C-Y
Description  PNP Plastic Encapsulated Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

B772C-Y Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  B772C-Y Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH B772C-Y Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
B772C
-3A , -40V
PNP Plastic Encapsulated Transistor
23-Aug-2012 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low frequency power amplifier
High Current
Low Speed Switching
CLASSIFICATION OF hFE
Product-Rank
B772C-R
B772C-O
B772C-Y
B772C-GR
Range
60~120
100~200
160~320
200~400
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-30
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current - Continuous
IC
-3
A
Collector Power Dissipation
PC
1.25
W
Junction, Storage Temperature
TJ, TSTG
-55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
-40
-
-
V
IC= -100μA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-30
-
-
V
IC= -10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-6
-
-
V
IE= -100μA, IC=0
Collector Cut – Off Current
ICBO
-
-
-1
μA
VCB= -40V, IE=0
Collector Cut – Off Current
ICEO
-
-
-10
μA
VCE= -30V, IB=0
Emitter Cut – Off Current
IEBO
-
-
-1
μA
VEB= -6V, IC=0
60
-
400
VCE= -2V, IC= -1A
DC Current Gain
hFE
32
-
-
VCE= -2V, IC= -100mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.5
V
IC= -2A, IB= -200mA
Base-emitter saturation voltage
VBE(sat)
-
-
-1.5
V
IC= -2A, IB= -200mA
Transition Frequency
fT
50
-
-
MHz
VCE= -5V, IC= -100mA
f=10MHz
Emitter
Collector
Base
TO-126C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
7.80
8.20
H
0.80
1.60
B
3.00
3.40
J
0.45
0.60
C
10.80
11.20
K
0.66
0.86
D
15.30
15.70
L
1.30
1.50
E
3.90
4.10
M
1.17
1.37
F
4.04
4.24
N
3.10
3.30
G
2.28 TYP.
O
2.70
2.90


Similar Part No. - B772C-Y

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
B772C SECOS-B772C_15 Datasheet
208Kb / 2P
   PNP Plastic Encapsulated Transistor
More results

Similar Description - B772C-Y

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
   PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
   PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
   PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015_15 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
B772S SECOS-B772S_15 Datasheet
352Kb / 2P
   PNP Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com