Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC2700UDM Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC2700UDM
Description  20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2700UDM Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC2700UDM Datasheet HTML 1Page - Diodes Incorporated DMC2700UDM Datasheet HTML 2Page - Diodes Incorporated DMC2700UDM Datasheet HTML 3Page - Diodes Incorporated DMC2700UDM Datasheet HTML 4Page - Diodes Incorporated DMC2700UDM Datasheet HTML 5Page - Diodes Incorporated DMC2700UDM Datasheet HTML 6Page - Diodes Incorporated DMC2700UDM Datasheet HTML 7Page - Diodes Incorporated DMC2700UDM Datasheet HTML 8Page - Diodes Incorporated DMC2700UDM Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMC2700UDM
Datasheet Number: DS35360 Rev. 1 - 2
2 of 9
www.diodes.com
June 2011
© Diodes Incorporated
DMC2700UDM
A Product Line of
Diodes Incorporated
Maximum Ratings N-CHANNEL – Q1 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±6
V
Drain Current (Note 4)
TA = 25°C
TA = 85°C
ID
1.34
0.97
A
Maximum Ratings P-CHANNEL – Q2 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±6
V
Drain Current (Note 4)
TA = 25°C
TA = 85°C
ID
-1.14
-1.07
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
1.12
W
Thermal Resistance, Junction to Ambient (Note 4)
RθJA
111
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. For a device mounted on 25mm X 25mm FR-4 PCB board with a high coverage of single sided 1oz copper, in still air conditions with two active die


Similar Part No. - DMC2700UDM

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
DMC2700UDM-7 VBSEMI-DMC2700UDM-7 Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Diodes Incorporated
DMC2700UDMQ DIODES-DMC2700UDMQ Datasheet
485Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2700UDMQ-7 DIODES-DMC2700UDMQ-7 Datasheet
485Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2700UDM DIODES-DMC2700UDM_15 Datasheet
150Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC2700UDM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2020USD DIODES-DMC2020USD_15 Datasheet
308Kb / 11P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2700UDMQ DIODES-DMC2700UDMQ Datasheet
485Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2700UDM DIODES-DMC2700UDM_15 Datasheet
150Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2710UVT DIODES-DMC2710UVT Datasheet
677Kb / 10P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
May 2021
DMC2020USD DIODES-DMC2020USD Datasheet
306Kb / 11P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DS32121 Rev. 3 - 2
DMC2020USD-13 DIODES-DMC2020USD-13 Datasheet
308Kb / 11P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJS6602 PANJIT-PJS6602 Datasheet
474Kb / 9P
   20V Complementary Enhancement Mode MOSFET
PJS6601-AU PANJIT-PJS6601-AU Datasheet
540Kb / 9P
   20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6601-AU-REV.02
PJS6601 PANJIT-PJS6601 Datasheet
559Kb / 9P
   20V Complementary Enhancement Mode MOSFET
PJS6602-AU PANJIT-PJS6602-AU Datasheet
518Kb / 9P
   20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6602-AU-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com