Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDU90-20310 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # GDU90-20310
Description  Gate Drive Unit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GDU90-20310 Datasheet(HTML) 2 Page - Dynex Semiconductor

  GDU90-20310 Datasheet HTML 1Page - Dynex Semiconductor GDU90-20310 Datasheet HTML 2Page - Dynex Semiconductor GDU90-20310 Datasheet HTML 3Page - Dynex Semiconductor GDU90-20310 Datasheet HTML 4Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GDU 90 20310
2/4
Units
Max.
Typ.
Min.
Conditions
Symbol
Parameter
t
1*
Adjustable by R81 + R82
-
Delay time emitter
current to receiver o/p
t
2
-
-
I
FGM pulse width
Minimum on time
10%
I
FGM to 90% IG(ON)
t
5*
t
6
Receiver storage time
t
7
-
-
0.4
-
0.8
µs
5.2
-
6.2
µs
-
16
-
µs
80
-
110
µs
0.5
-
0.9
µs
1.5
-
2.3
µs
Adjustable by R38
80
-
110
µs
No response pulse width of
input signal
23
µs
Turn-on delay emitter
current to 10% I
FGM
Turn-off delay.
Emitter current to 90% I
G(ON)
Minimum off time
90% I
G(ON) to 10% IFGM
t
8*
Delay time
Gate volts to o/p emitter current
t
9
Turn-off delay
Gate volts to test receiver o/p
t
10
Storage time
Gate volts to o/p emitter current
Turn-on delay
Gate volts to test receiver o/p
-
0.81
-
µs
-
0.11
-
µs
-
0.7
-
µs
-
0.1
-
µs
-
Measured at low I
GQM
Measured at low I
GQM
-
Adjustable by R37
-
t
4
t
3*
t
12
t
11
* t
1,t3,t5,t8 are factory settings.
Adjustment of t
1 alters t3.
1. Varies with I
GQM due to gate lead impedance.
TIMING CHARACTERISTICS
Test circuit
emitter current
Control card
receiver output
t1
t2
10µs
t6
10%
t3
t4
0V
-8V
Min. ON time
t5
t7
90% IG(ON)
t8
QGQT
Min. OFF
dIGQ/dt
t11
t12
t9
t10
Gate voltage
Control card emitter current
Test circuit receiver output
-8V
dIFG/dt
Gate current


Similar Part No. - GDU90-20310

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GDU90-20301 DYNEX-GDU90-20301 Datasheet
37Kb / 4P
   Gate Drive Unit
GDU90-20302 DYNEX-GDU90-20302 Datasheet
37Kb / 4P
   Gate Drive Unit
More results

Similar Description - GDU90-20310

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GDU90-20301 DYNEX-GDU90-20301 Datasheet
37Kb / 4P
   Gate Drive Unit
GDU90-20302 DYNEX-GDU90-20302 Datasheet
37Kb / 4P
   Gate Drive Unit
GDU90-20721 DYNEX-GDU90-20721 Datasheet
37Kb / 4P
   Gate Drive Unit
GDU91-20221 DYNEX-GDU91-20221 Datasheet
35Kb / 4P
   Gate Drive Unit
GDU90-20722 DYNEX-GDU90-20722 Datasheet
37Kb / 4P
   Gate Drive Unit
GDU90-20421 DYNEX-GDU90-20421 Datasheet
37Kb / 4P
   Gate Drive Unit
GDU90-20422 DYNEX-GDU90-20422 Datasheet
37Kb / 4P
   Gate Drive Unit
GDU91-20222 DYNEX-GDU91-20222 Datasheet
35Kb / 4P
   Gate Drive Unit
logo
Pulse A Technitrol Comp...
P0584NL PULSE-P0584NL Datasheet
88Kb / 1P
   OFFLINE GATE DRIVE OFFLINE GATE DRIVE
logo
XFMRS Inc.
XF0023A-02GD XFMRS-XF0023A-02GD Datasheet
71Kb / 1P
   GATE DRIVE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com