Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

481-0500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 481-0500
Description  Identification Cable Ties
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

481-0500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  481-0500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 481-0500 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions: In.
Identification Cable Ties
481-0500, 481-0501
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200207
Date Last Revised: 6-23-05
SPECIFICATIONS
identification
.984"
18lbs.
.984" x .315"
natural
Type:
Maximum bundle ø:
Tensile strength:
Marking pad size:
Color:
3.94
3.94
.098
.098
481-0501
481-0500
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 481-0500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
481-0007 ETC2-481-0007 Datasheet
122Kb / 2P
   Nuts
481-0017 ETC2-481-0017 Datasheet
122Kb / 2P
   Nuts
481-0095-GR ETC2-481-0095-GR Datasheet
76Kb / 2P
   Hex Nut
481-0095M-GR ETC2-481-0095M-GR Datasheet
76Kb / 2P
   Metric Hex Nut
481-0102 ETC2-481-0102 Datasheet
105Kb / 2P
   Standard Ties
More results

Similar Description - 481-0500

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
   Cable Ties and Fixings Cable Ties Outside Serrated
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
   Nylon Cable Ties
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
   Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
logo
List of Unclassifed Man...
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
   Releasable Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
   3M??Cable Ties
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
   Stainless Steel Cable Ties
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
   Cable Ties and Fixings
10/2017
logo
OEN India Limited
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
   Releasable Nylon Cable Ties
04-CW07-50 OENINDIA-04-CW07-50 Datasheet
385Kb / 1P
   Cold Weather Cable Ties
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com