Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IEG6-36902-2-V Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IEG6-36902-2-V
Description  Hydraulic Magnetic Circuit Protectors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IEG6-36902-2-V Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IEG6-36902-2-V Datasheet HTML 1Page - List of Unclassifed Manufacturers IEG6-36902-2-V Datasheet HTML 2Page - List of Unclassifed Manufacturers IEG6-36902-2-V Datasheet HTML 3Page - List of Unclassifed Manufacturers IEG6-36902-2-V Datasheet HTML 4Page - List of Unclassifed Manufacturers IEG6-36902-2-V Datasheet HTML 5Page - List of Unclassifed Manufacturers IEG6-36902-2-V Datasheet HTML 6Page - List of Unclassifed Manufacturers IEG6-36902-2-V Datasheet HTML 7Page - List of Unclassifed Manufacturers IEG6-36902-2-V Datasheet HTML 8Page - List of Unclassifed Manufacturers IEG6-36902-2-V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
32º
32º
OFF
ON
2.075
[52.70]
MAX.
.690
[17.53]
.240
[6.10]
1.687
[42.85]
3.015
[76.58]
MAX.
O
N
O
F
F
O
N
O
F
F
O
N
O
F
F
O
N
O
F
F
2.000
[50.80]
1.220
[31.00]
1.660
[42.16]
O
N
O
F
F
O
N
O
F
F
1.515
[38.48]
MAX.
.168
[4.27]
.590
[15.00]
MAX.
2X
4X 6 – 32 THREAD
.140 [3.56] DEEP
M3 ISO THD. OPTIONAL
.750
[19.05]
.750
[19.05]
.750
[19.05]
1.660
[42.16]
1.050
[26.67]
4X .156
[3.96]
+.25
-.00
+.010
-.000
2X .625
15.87
.750
[19.05]
2.265
[57.53]
MAX.
O
N
O
F
F
O
N
O
F
F
O
N
O
F
F
.750
[19.05]
.750
[19.05]
IAGH/IUGH/IEGH/CEGH/LEGH Protectors
Note: Tolerance ± .015 [.38] unless noted. Dimensions in brackets [ ] are millimeters.
MULTI-POLE CIRCUIT PROTECTORS
(IAGH/IUGH/IEGH/CEGH/LEGH)
The IAGH/IUGH/IEGH/CEGH/LEGH two, three and four pole
models are available with a handle per pole. LEGH type units
are available only in two pole models.
Panel Mounting Detail: Tolerance for Mtg. ±.005 [.13] unless noted.
NOTE: We recommend machining slots into your panel for 2 or more
poles. This eliminates the need to dissemble/reassemble the handle
ties to be able to insert the handles thru indvidiually drilled holes. LEG
type units are only available in one or two poles.
LEG/LEGH Barriers (required)
In order to meet UL listing requirements, the LEG/LEGH two
pole model requires barriers. Available with a standard
straight barrier or an optional “Z” type barrier.
Note: Tolerance ± .015 [.38] unless noted. Dimensions in brackets [ ] are millimeters.
Standard Barrier
2-FRONT
Optional “Z” Barrier
2-FRONT
Two Pole
Three Pole*
Four Pole*
3.015
[76.58]
MAX.
O
N
O
F
F
O
N
O
F
F
O
N
O
F
F
O
N
O
F
F
2.000
[50.80]
1.220
[31.00]
1.660
[42.16]
O
N
O
F
F
O
N
O
F
F
1.515
[38.48]
MAX.
.168
[4.27]
.590
[15.00]
MAX.
2X
4X 6 – 32 THREAD
.140 [3.56] DEEP
M3 ISO THD. OPTIONAL
.750
[19.05]
.750
[19.05]
.750
[19.05]
1.660
[42.16]
1.050
[26.67]
4X .156
[3.96]
+.25
-.00
+.010
-.000
2X .625
15.87
.750
[19.05]
2.265
[57.53]
MAX.
O
N
O
F
F
O
N
O
F
F
O
N
O
F
F
.750
[19.05]
.750
[19.05]
1.530
[38.86]
.230
[5.84]
LEG (Requires Screw Terminals)
*See Two Pole Mounting Detail for hole sizes and locations.
IAG Series - Poles
102


Similar Part No. - IEG6-36902-2-V

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
IEG SENSATA-IEG Datasheet
2Mb / 24P
   Hydraulic Magnetic Circuit Protectors
logo
PHOENIX CONTACT
IEG45-3LA/400/21 PHOENIX-IEG45-3LA/400/21 Datasheet
104Kb / 2P
   Voltage indication module
IEG45-3LA40021 PHOENIX-IEG45-3LA40021 Datasheet
104Kb / 2P
   Voltage indication module
logo
IDEA.lnc.
IEGC0118 IDEA-IEGC0118 Datasheet
38Kb / 2P
   infrared emitting diode
IEGC0128 IDEA-IEGC0128 Datasheet
37Kb / 2P
   infrared emitting diode
More results

Similar Description - IEG6-36902-2-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LELK1-30299-176-V ETC2-LELK1-30299-176-V Datasheet
2Mb / 28P
   Hydraulic Magnetic Circuit Protectors
logo
Sensata Technologies, I...
IAG SENSATA-IAG Datasheet
2Mb / 24P
   Hydraulic Magnetic Circuit Protectors
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
Littelfuse
AM2-X0-14-101-X01-C LITTELFUSE-AM2-X0-14-101-X01-C Datasheet
2Mb / 27P
   Hydraulic-Magnetic Circuit Breaker
logo
List of Unclassifed Man...
IAG4-39221-1 ETC2-IAG4-39221-1 Datasheet
2Mb / 24P
   Magnetic Circuit Protectors
logo
ETAL Group
8340-G ETAL-8340-G Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
logo
Tyco Electronics
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com