Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL-AG5-22P-D3 Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # IL-AG5-22P-D3
Description  IL-AG5 SERIES AUTOMOTIVE CONNECTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

IL-AG5-22P-D3 Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

  IL-AG5-22P-D3 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. IL-AG5-22P-D3 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. IL-AG5-22P-D3 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. IL-AG5-22P-D3 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. IL-AG5-22P-D3 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. IL-AG5-22P-D3 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. IL-AG5-22P-D3 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
111
Dimensions in mm (inches).
MATERIALS AND FINISHES
Description
Materials/Finishes
Insulator
PBT, Yellow (Green or Light Blue for polarized version)
Pin Contact
Brass/Tin Plating
Cable plug pin contact: Highly conductive Copper alloy
Socket Contact Phosphor Bronze /Tin Plating
IL-AG5 – ** *
* – *
3
*
* – * – **
Series
No. of Contacts
Single Row – 5, 6, 7, 10
Double Row – 14, 16, 18, 22, 30
Contact Type
P – Pin
S – Socket
Modification Code
K – Polarized version, 5 and 6 contacts only
Blank – Standard type
Contact Layout
S – Single Row
D – Double Row
Contact Pitch
3 – 2.5mm (.098")
Termination
T – Straight Through Hole L – Right Angle Through Hole
C – Crimp
Applicable PCB Thickness (pin header)
2 – 1.6mm (.063")
Applicable Wire Size (Housing)
1 – AWG #18 to #22, Stranded
Modification Code A
Insulator Color
LB – Light Blue Blank – Green
ORDERING INFORMATION
FEATURES
• Designed for automotive instrument panel applications
• Mechanical lock assures positive mating
• Unique housing configuration helps prevent mismating
• Double locking mechanism prevents dislodging
of contacts
• Polarized version is available
(Single row, 5 and 6 contacts only)
• Highly reliable socket contacts
• Simplified crimp-type termination
• • • • • • • • • • • • • •
Note: The standard finish of contacts is Tin Plating.
Gold Plating is available as an option. Consult JAE for details.
SINGLE ROW TYPE
DOUBLE ROW TYPE
Connector Profile (Ref.)
GENERAL SPECIFICATIONS
Number of Contacts
4, 5, 6, 7, 10 (single row)
14, 16, 18, 22, 30 (double row)
Contact Spacing
2.5mm (.098")
Current Rating
3 Amp per contact
Dielectric Withstanding Voltage
1000 VAC r.m.s. (for one minute)
Insulation Resistance
100 megohms min.
Contact Resistance
10 milliohms max.
Operating Temperature
-40°C to +85°C
Applicable PCB Thickness
1.6 to 2.4mm (.063" to .094")
Applicable Wire (Stranded)
Wire Type JIS
AV, AVS, AVSS
AVS, AVSS
AWG
#22-#20
#18
Conductor Cross
Section Area
0.3 to 0.5mm2
0.85mm2
Insulation Outer Diameter
1.4 to 2.4mm (.055 to .094")
IL-AG5 SERIES AUTOMOTIVE CONNECTORS
2.50mm (.098") Contact Spacing, 025 Crimp Contacts, PCB-to-Cable/Cable-to-Cable Applications


Similar Part No. - IL-AG5-22P-D3

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
IL-AG5-5S-S3C1 JAE-IL-AG5-5S-S3C1 Datasheet
148Kb / 1P
   IL-A05-5S-S3C1
REV 6
IL-AG5-C1-1E-5000 JAE-IL-AG5-C1-1E-5000 Datasheet
123Kb / 1P
   MAGAZINE ASSEMBLY
IL-AG5-C1-5000 JAE-IL-AG5-C1-5000 Datasheet
111Kb / 1P
   MAGAZINE ASSEMBLY
IL-AG5-PC1-5000 JAE-IL-AG5-PC1-5000 Datasheet
96Kb / 1P
   MAGAZINE ASSEMBLY
More results

Similar Description - IL-AG5-22P-D3

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
L200CWRGB1K-4C-IL LEDTRONICS-L200CWRGB1K-4C-IL Datasheet
65Kb / 1P
   L200CWRGB1K-4C-IL
L200CWRGB1K-4A-IL LEDTRONICS-L200CWRGB1K-4A-IL Datasheet
74Kb / 1P
   L200CWRGB1K-4A-IL
logo
Schaffner International...
IL-13 SCHAFFNER-IL-13 Datasheet
267Kb / 5P
   Power Cord with Locking System for Inlet Filters IL 13, IL 13 P, IL 19
logo
LEDTRONICS, INC
L200CWRBGB1K-4C-IL LEDTRONICS-L200CWRBGB1K-4C-IL Datasheet
66Kb / 1P
   L200CWRBGB1K-4C-IL
logo
AVX Corporation
719515999010808 AVX-719515999010808 Datasheet
60Kb / 2P
   Automotive Splashproof Connectors
logo
Japan Aviation Electron...
IL-Z-5PL-SMTYE JAE-IL-Z-5PL-SMTYE Datasheet
135Kb / 1P
   IL-Z-PL-SMTYE
logo
PHOENIX CONTACT
2861852 PHOENIX-2861852 Datasheet
161Kb / 6P
   IB IL CNT-PAC
2861849 PHOENIX-2861849 Datasheet
166Kb / 5P
   IB IL INC-PAC
logo
Japan Aviation Electron...
SJ022869 JAE-SJ022869 Datasheet
148Kb / 1P
   IL-A05-5S-S3C1
REV 6
logo
PHOENIX CONTACT
2861865 PHOENIX-2861865 Datasheet
155Kb / 5P
   IB IL SSI-PAC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com