Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5195 Datasheet(PDF) 9 Page - NEC

Part # 2SC5195
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5195 Datasheet(HTML) 9 Page - NEC

Back Button 2SC5195 Datasheet HTML 2Page - NEC 2SC5195 Datasheet HTML 3Page - NEC 2SC5195 Datasheet HTML 4Page - NEC 2SC5195 Datasheet HTML 5Page - NEC 2SC5195 Datasheet HTML 6Page - NEC 2SC5195 Datasheet HTML 7Page - NEC 2SC5195 Datasheet HTML 8Page - NEC 2SC5195 Datasheet HTML 9Page - NEC 2SC5195 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2SC5195
9
VCE = 3 V, IC = 7 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.770
–40.0
18.346
132.6
0.023
36.3
0.939
–20.0
200.00
0.666
–73.3
14.212
131.4
0.054
48.3
0.733
–39.5
300.00
0.588
–97.6
11.480
116.0
0.068
48.8
0.585
–32.1
400.00
0.516
–114.1
9.252
106.4
0.077
49.5
0.483
–56.7
500.00
0.471
–128.3
7.604
100.8
0.083
49.7
0.406
–58.3
600.00
0.446
–139.5
6.608
96.4
0.089
51.0
0.372
–57.1
700.00
0.436
–148.8
5.788
91.0
0.097
50.8
0.341
–61.9
800.00
0.422
–158.0
5.104
86.6
0.102
50.9
0.287
–63.3
900.00
0.398
–163.6
4.477
82.8
0.109
52.1
0.256
–64.2
1000.00
0.398
–170.5
4.074
79.8
0.117
52.9
0.233
–62.9
1100.00
0.391
–177.1
3.744
76.3
0.125
52.8
0.233
–65.9
1200.00
0.404
177.9
3.472
73.4
0.131
32.5
0.218
–72.5
1300.00
0.413
172.1
3.212
70.3
0.138
52.0
0.198
–74.5
1400.00
0.420
170.7
3.041
68.0
0.146
51.8
0.184
–76.2
1500.00
0.419
165.7
2.904
63.8
0.157
50.9
0.181
–76.5
1600.00
0.407
163.4
2.752
60.4
0.169
50.6
0.179
–81.1
1700.00
0.414
158.2
2.621
57.4
0.178
50.8
0.165
–84.2
1800.00
0.408
153.0
2.462
56.5
0.187
51.9
0.159
–89.7
1900.00
0.429
149.8
2.340
54.7
0.194
52.1
0.152
–93.8
2000.00
0.437
143.6
2.212
53.5
0.200
52.0
0.155
–97.4
VCE = 3 V, IC = 10 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.686
–46.4
21.798
147.0
0.027
33.4
0.895
–23.1
200.00
0.580
–84.7
16.506
125.3
0.048
47.1
0.657
–45.9
300.00
0.506
–109.6
12.733
110.8
0.060
50.4
0.506
–58.0
400.00
0.447
–126.2
10.027
102.2
0.069
52.6
0.408
–62.1
500.00
0.420
–139.2
8.183
97.3
0.076
54.4
0.336
–63.5
600.00
0.408
–149.9
7.058
93.3
0.084
56.0
0.306
–61.2
700.00
0.401
–157.8
6.167
88.4
0.092
55.7
0.283
–66.1
800.00
0.391
–166.1
5.399
84.4
0.099
56.1
0.235
–68.5
900.00
0.370
–171.1
4.744
81.0
0.107
57.0
0.206
–69.5
1000.00
0.373
–177.6
4.311
78.2
0.117
57.3
0.188
–67.6
1100.00
0.369
176.0
3.939
75.0
0.126
57.0
0.191
–70.4
1200.00
0.383
171.9
3.667
72.3
0.132
56.6
0.178
–78.4
1300.00
0.392
166.9
3.381
69.4
0.140
55.9
0.159
–81.3
1400.00
0.399
165.9
3.207
67.1
0.149
53.3
0.146
–83.4
1500.00
0.400
161.2
3.064
63.2
0.161
54.2
0.143
–83.7
1600.00
0.390
139.2
2.884
60.0
0.173
53.4
0.143
–89.1
1700.00
0.397
154.5
2.741
57.1
0.183
53.4
0.131
–94.0
1800.00
0.394
149.5
2.584
56.2
0.193
54.1
0.127
–101.0
1900.00
0.414
146.5
2.457
54.6
0.201
54.1
0.123
–106.2
2000.00
0.423
142.7
2.314
53.6
0.208
53.7
0.128
–109.6


Similar Part No. - 2SC5195

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5195 RENESAS-2SC5195 Datasheet
276Kb / 12P
   SILICON TRANSISTOR
1994
More results

Similar Description - 2SC5195

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2148 NEC-2SC2148 Datasheet
52Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC4094 RENESAS-2SC4094 Datasheet
323Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Leshan Radio Company
L2SC3357 LRC-L2SC3357 Datasheet
309Kb / 2P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
logo
NEC
2SC3582 NEC-2SC3582 Datasheet
99Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA806T RENESAS-UPA806T Datasheet
209Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4095 RENESAS-2SC4095 Datasheet
329Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com