Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE33A Datasheet(PDF) 25 Page - Socay Electornics Co., Ltd.

Part # LCE33A
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

LCE33A Datasheet(HTML) 25 Page - Socay Electornics Co., Ltd.

Back Button LCE33A Datasheet HTML 21Page - Socay Electornics Co., Ltd. LCE33A Datasheet HTML 22Page - Socay Electornics Co., Ltd. LCE33A Datasheet HTML 23Page - Socay Electornics Co., Ltd. LCE33A Datasheet HTML 24Page - Socay Electornics Co., Ltd. LCE33A Datasheet HTML 25Page - Socay Electornics Co., Ltd. LCE33A Datasheet HTML 26Page - Socay Electornics Co., Ltd. LCE33A Datasheet HTML 27Page - Socay Electornics Co., Ltd. LCE33A Datasheet HTML 28Page - Socay Electornics Co., Ltd. LCE33A Datasheet HTML 29Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
www.socay.com
25
Surface Mount Transient Voltage Suppressors (TVS)
SM8S Series
10 To 43 V
6600W
u
Junction passivation optimized design passivated anisotropic
rectifier technology
u
TJ=175°C capability suitable for high reliability and automotive
requirement
u
Available in uni-directional polarity only
u
Low leakage current
u
Low forward voltage drop
u
High surge capability
u
Meets ISO7637-2 surge specification (varied by test condition)
u
Meets MSL level 1,
per J-STD-020,
LF maximum peak of
245
°C
u
AEC-Q101 qualified
u
Compliant to RoHS Directive 2002/95/EC and in accordance to
WEEE 2002/96/EC
DO-218AB
Dimensions
Features


Similar Part No. - LCE33A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE33A EIC-LCE33A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LCE33A NJSEMI-LCE33A Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LCE33A MICROSEMI-LCE33A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Anova Technologies CO.,...
LCE33A ANOVA-LCE33A Datasheet
283Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
TAITRON Components Inco...
LCE33A TAITRON-LCE33A Datasheet
179Kb / 5P
   1500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - LCE33A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com