Electronic Components Datasheet Search |
|
LCE40A Datasheet(PDF) 48 Page - Socay Electornics Co., Ltd. |
|
LCE40A Datasheet(HTML) 48 Page - Socay Electornics Co., Ltd. |
48 / 56 page www.socay.com 48 Axial Lead Transient Voltage Suppressors (TVS) 20KPA Series 20 To 300 V 20000W Uni-directional Bi-directional u Glass passivated chip junction in P600 Package u Low leakage u Uni and Bidirectional unit u Excellent clamping capability u 20000W Peak power capability at 10 × 1000µs waveform Repetition rate (duty cycle):0.01% u Fast response time: typically less than 1.0ps from 0 Volts to VBR min u Typical IR less than 5μA above 12V. u High Temperature soldering: 260 °C/40 seconds at terminals u Typical maximum temperature coefficient ΔVBR = 0.1% × VBR@25°C× ΔT u Plastic package has Underwriters Laboratory Flammability 94V-0 u Matte tin lead –free Plated u Halogen free and RoHS compliant u Typical failure mode is short from over-specified voltage or current u Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c u IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact) u ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2) u EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4) R6/P600 Inches Millimeters Dimensions Min Max Min Max A 1.000 - 25.40 - B 0.340 0.360 8.64 9.14 C 0.048 0.052 1.22 1.32 D 0.340 0.360 8.64 9.14 Features Dimensions R6/P600 Cathode Band |
Similar Part No. - LCE40A |
|
Similar Description - LCE40A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |