Electronic Components Datasheet Search |
|
LCE48A Datasheet(PDF) 27 Page - Socay Electornics Co., Ltd. |
|
LCE48A Datasheet(HTML) 27 Page - Socay Electornics Co., Ltd. |
27 / 56 page www.socay.com 27 Axial Lead Transient Voltage Suppressors (TVS) P4KE Series 6.8 To 600 V 400W Uni-directional Bi-directional u Glass passivated chip junction in DO-41 Package u Low leakage u Uni and Bidirectional unit u Excellent clamping capability u 400W Peak power capability at 10 × 1000µs waveform Repetition rate (duty cycle):0.01% u Fast response time: typically less than 1.0ps from 0 Volts to VBR min u Typical IR less than 5μA above 12V. u High Temperature soldering: 260 °C/40 seconds at terminals u Typical maximum temperature coefficient ΔVBR = 0.1% × VBR@25°C× ΔT u Plastic package has Underwriters Laboratory Flammability 94V-0 u Matte tin lead –free Plated u Halogen free and RoHS compliant u Typical failure mode is short from over-specified voltage or current u Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c u IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact) u ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2) u EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4) DO-204AL (DO-41) Inches Millimeters Dimensions Min Max Min Max A 1.000 - 25.40 - B 0.165 0.205 4.19 5.21 C 0.028 0.033 0.71 0.84 D 0.090 0.117 2.29 2.97 Features Dimensions DO-204AL (DO-41) Cathode Band |
Similar Part No. - LCE48A |
|
Similar Description - LCE48A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |